Electronic Components Datasheet Search
  English  ▼

X  

ICS2008BY-10 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS2008BY-10
Description  SMPTE Time Code Receiver/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2008BY-10 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS2008BY-10 Datasheet HTML 7Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 8Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 9Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 10Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 11Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 12Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 13Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 14Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
ICS2008B
ICS2008B Rev D 4/05/05
7
6543
210
LTC
00
BINARY GROUP 1
FRAME UNITS
Read
01
BINARY GROUP 2
COLR FRAME DROP FRAME
FRAMES TENS
02
BINARY GROUP 3
SECONDS UNITS
03
BINARY GROUP 4
PHASE CORR
SECONDS TENS
04
BINARY GROUP 5
MINUTES UNITS
05
BINARY GROUP 6
BG FLAG 55
MINUTES TENS
06
BINARY GROUP 7
HOURS UNITS
07
BINARY GROUP 8
BG FLAG 75 UNASSIGNED
HOURS TENS
LTC
08
Write
. . .
SAME BIT DEFINITION AS LTC READ BUFFER
OF
VITC
10
BINARY GROUP 1
FRAME UNITS
READ1
11
BINARY GROUP 2
COLR FRAME DROP FRAME
FRAMES TENS
12
BINARY GROUP 3
SECONDS UNITS
13
BINARY GROUP 4
FIELD MARK
SECONDS TENS
14
BINARY GROUP 5
MINUTES UNITS
15
BINARY GROUP 6
BG FLAG 55
MINUTES TENS
16
BINARY GROUP 7
HOURS UNITS
17
BINARY GROUP 8
BG FLAG 75 UNASSIGNED
HOURS TENS
VITC
18
Read2
. . .
SAME BIT DEFINITION AS VITC READ1 BUFFER
1F
VITC
20
Write
. . .
SAME BIT DEFINITION AS VITC READ1 BUFFER
27
Regs
28
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - BURN-IN WINDOW COLUMN - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
29
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BURN-IN WINDOW LINE
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
2A
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
FRAMES
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
2B
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
SECONDS
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
2C
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
MINUTES
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
2D
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
HOURS
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
2E
VITC1WE
0
0
- - - - - - - - - - -
VITC WRITE LINE 1
- - - - - - - - - - -
2F
VITC2WE
0
0
- - - - - - - - - - -
VITC WRITE LINE 2
- - - - - - - - - - -
30
VITC1RE
NOCODE1
CRCERR1
- - - - - - - - - - -
VITC READ LINE 1
- - - - - - - - - - -
31
VITC2RE
NOCODE2
CRCERR2
- - - - - - - - - - -
VITC READ LINE 2
- - - - - - - - - - -
32
PAL
VID2_S
VID1_S
VOUTSEL
VITCSEL
VSYNCSEL
VTRES
GEN_EN
33
0
0
- - - - - - - - - - - - - - - - - - - - - - VIDEO LINE INTERRUPT (LINE#) - - - - - - - - - - - - - - - - -
34
LTCOUTSEL
- - - - LTCSYNCSEL - - - -
LTXEN
LXCLKSEL
0
LTXFREE
EDGE RATE
35
0
0
0
- - - - - - - - - - - - - - - - - - LTC GAIN - - - - - - - - - - - - - - - - -
36
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - FRAME RATE (low byte, write only) - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
37
0
0
0
0
- - - - - - - FRAME RATE (high byte, write only) - - - - - - -
38
reserved
39
reserved
3A
reserved
3B
reserved
3C
3D
RUN
CLKSEL
0
0
0
TIMER VALUE (high)
3E
0
0
0
HSF
WIN_SIZE
WINDOW ATTRIBUTE
BLINK
3F
- - - - - - - - - - - - - - - SOFT LTC SYNC (write only, no data) - - - - - - - - - - - - - - - -
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - TIMER VALUE (low byte, write only) - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Indirect Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com