Electronic Components Datasheet Search
  English  ▼

X  

DG381AMIL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG381AMIL
Description  CMOS Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG381AMIL Datasheet(HTML) 1 Page - Vishay Siliconix

  DG381AMIL Datasheet HTML 1Page - Vishay Siliconix DG381AMIL Datasheet HTML 2Page - Vishay Siliconix DG381AMIL Datasheet HTML 3Page - Vishay Siliconix DG381AMIL Datasheet HTML 4Page - Vishay Siliconix DG381AMIL Datasheet HTML 5Page - Vishay Siliconix DG381AMIL Datasheet HTML 6Page - Vishay Siliconix DG381AMIL Datasheet HTML 7Page - Vishay Siliconix DG381AMIL Datasheet HTML 8Page - Vishay Siliconix DG381AMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
S1
S2
D1
D2
NC
NC
NC
NC
IN1
V–
V+
IN2
NC
GND
CerDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG381A_MIL
DG390A_MIL
D1
S1
NC
IN1
D3
V–
S3
GND
S4
NC
D4
V+
NC
IN2
D2
S2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
CerDIP
DG381A_MIL/390A_MIL
Vishay Siliconix
Document Number: 71401
S-02967—Rev. A, 22-Jan-01
www.vishay.com
1
CMOS Analog Switches
(Obsolete for non-hermetic. Use DG381B and DG390B as pin-for-pin replacements)
FEATURES
BENEFITS
APPLICATIONS
D "15-V Input Range
D Low rDS(on): 30 W
D Single Supply Operation
D Pin and Function Compatible with the
JFET DG180 Family
D Full Rail-to-Rail Analog Signal Range
D Minimizes Signal Error
D Low Power Dissipation
D Low Level Switching Circuits
D Programmable Gain Amplifiers
D Portable and Battery Powered
Sytems
DESCRIPTION
The DG381A_MIL and DG390A_MIL monolithic CMOS
analog
switches
were
designed
for
applications
in
instrumentation, communications, and process control. This
series is suited for applications requiring fast switching and
nearly flat on-resistance over the entire voltage range.
Designed on Vishay Siliconix’ PLUS-40 CMOS process,
these devices achieve low power consumption (3.5 mW
typical) and excellent on/off switch performance. These
switches are ideal for battery powered applications, without
sacrificing switching speed. Break-before-make switching
action is guaranteed, and an epitaxial layer prevents latchup.
Single supply operation is allowed by connecting the V– rail to
0 V.
Each switch conducts equally well in both directions when on,
and blocks up to the supply voltage when off. These switches
are CMOS and quasi TTL logic compatible.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
Switch
0
ON
1
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V
TRUTH TABLE
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V


Similar Part No. - DG381AMIL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG381A MAXIM-DG381A Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
DG381AA MAXIM-DG381AA Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
DG381ABA MAXIM-DG381ABA Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
DG381ABK MAXIM-DG381ABK Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
DG381ABWE MAXIM-DG381ABWE Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
More results

Similar Description - DG381AMIL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
CMOS Analog Switches
27-Jun-05
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
logo
Intersil Corporation
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
494Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
CMOS Analog Switches
11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com