Electronic Components Datasheet Search
  English  ▼

X  

DG381AMIL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG381AMIL
Description  CMOS Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG381AMIL Datasheet(HTML) 4 Page - Vishay Siliconix

  DG381AMIL Datasheet HTML 1Page - Vishay Siliconix DG381AMIL Datasheet HTML 2Page - Vishay Siliconix DG381AMIL Datasheet HTML 3Page - Vishay Siliconix DG381AMIL Datasheet HTML 4Page - Vishay Siliconix DG381AMIL Datasheet HTML 5Page - Vishay Siliconix DG381AMIL Datasheet HTML 6Page - Vishay Siliconix DG381AMIL Datasheet HTML 7Page - Vishay Siliconix DG381AMIL Datasheet HTML 8Page - Vishay Siliconix DG381AMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DG381A_MIL/390A_MIL
Vishay Siliconix
www.vishay.com
4
Document Number: 71401
S-02967—Rev. A, 22-Jan-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rDS(on) vs. VD and Power Supply
100
–20
–15
–10
–50
5
10
15
20
80
60
40
20
0
60
–15
–10
–50
5
10
15
50
40
30
20
10
V+ = 15 V
V– = –15 V
125
_C
rDS(on) vs. VD and Temperature
50
–15
–10
–50
5
10
15
40
30
20
10
0
V+ = 15 V
V– = –15 V
CL = 1 nF
Charge Injection vs. Analog Voltage (VS)
500
0
5
10
15
400
300
200
100
0
Switching Time and Break-Before-Make
Time vs. Positive Supply Voltage
V+ – Positive Supply Voltage (V)
V– = –15 V
TA = 25_C
VINH = 4 V
VINL = 0 V
0
5
4
3
2
1
510
15
V+ – Positive Supply Voltage (V)
Input Switching Threshold
vs. Positive Supply Voltage
V– = 0 to –15V
TA = 25_C
–55
–35
–15
5
25
45
65
85
105
125
500
400
300
200
100
0
–100
Supply Current vs. Temperature
Temperature (
_C)
I+
I–
"5 V
"7.5 V
"10 V
"15 V
"20 V
25
_C
–55
_C
TA = 25_C
DG301/303 Only
tOPEN
tOFF
tON
V+ = 15 V
V– = –15 V
VIN = 4 V (One Input)
(All Other = 0 V)
VS – Source Voltage (V)
VD – Drain Voltage (V)
VD – Drain Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com