Electronic Components Datasheet Search
  English  ▼

X  

HV257 Datasheet(PDF) 13 Page - Supertex, Inc

Part # HV257
Description  32-Channel High Voltage Sample and Hold Amplifier Array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button HV257 Datasheet HTML 8Page - Supertex, Inc HV257 Datasheet HTML 9Page - Supertex, Inc HV257 Datasheet HTML 10Page - Supertex, Inc HV257 Datasheet HTML 11Page - Supertex, Inc HV257 Datasheet HTML 12Page - Supertex, Inc HV257 Datasheet HTML 13Page - Supertex, Inc HV257 Datasheet HTML 14Page - Supertex, Inc HV257 Datasheet HTML 15Page - Supertex, Inc HV257 Datasheet HTML 16Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
HV257
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Pin #
Function
Description
34-38
NC
No connect
39
AGND
Analog ground. There are three pads. They need to be externally connected.
40
AVNN
Analog low voltage negative supply. This should be at the same potential as DVNN. There are
two pads.
41
NC
No connect
42
AVDD
Analog low voltage positive supply. This should be at the same potential as DVDD. There are
two pads.
43
AGND
Analog ground. There are three pads. They need to be externally connected.
44
DVNN
Digital low voltage negative supply. This should be at the same potential as AVNN. There are
two pads.
45
DVDD
Digital low voltage positive supply. This should be at the same potential as AVDD. There are
two pads.
46-79
NC
No Connect
80
EN
Active logic high input. Logic low will keep sample and hold switches open.
81
A0
Decoder logic input. Addressed channel will close the sample and hold switch. Sample and hold
switches for unaddressed channels are kept open.
82
A1
83
A2
84
A3
85
A4
86
DGND
Digital ground.
87
DVDD
Digital low voltage positive supply. This should be at the same potential as AVDD. There are
two pads.
88
DVNN
Digital low voltage negative supply. This should be at the same potential as AVNN. There are
two pads.
89
AGND
Analog ground. There are three pads. They need to be externally connected.
90
VSIG
Common input signal for all 32 sample and hold circuits.
91
AVDD
Analog low voltage positive supply. This should be at the same potential as DVDD. There are
two pads.
92
BYP-AVNN
Internally generated reference voltage. An external low voltage (1.0 - 10nF) capacitor needs to
be connected across AVNN and BYP-AVNN.
93
BYP-AVDD
Internally generated reference voltage. An external low voltage (1.0 - 10nF) capacitor needs to
be connected across AVDD and BYP-AVDD.
94
AVNN
Analog low voltage negative supply. This should be at the same potential as DVNN. There are
two pads.
95
Anode
Anode side of a low voltage silicon diode that can be used to monitor die temperature.
96
Cathode
Cathode side of a low voltage silicon diode that can be used to monitor die temperature.
Pin Description (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com