Electronic Components Datasheet Search
  English  ▼

X  

HV257 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV257
Description  32-Channel High Voltage Sample and Hold Amplifier Array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 2 Page - Supertex, Inc

  HV257 Datasheet HTML 1Page - Supertex, Inc HV257 Datasheet HTML 2Page - Supertex, Inc HV257 Datasheet HTML 3Page - Supertex, Inc HV257 Datasheet HTML 4Page - Supertex, Inc HV257 Datasheet HTML 5Page - Supertex, Inc HV257 Datasheet HTML 6Page - Supertex, Inc HV257 Datasheet HTML 7Page - Supertex, Inc HV257 Datasheet HTML 8Page - Supertex, Inc HV257 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
HV257
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Sym
Parameter
Min
Typ
Max Units Conditions
Operating Conditions
V
PP
High voltage positive supply
125
-
300
V
---
V
DD
Low voltage positive supply
6.0
-
7.5
V
---
V
NN
Low voltage negative supply
-4.5
-
-6.5
V
---
I
PP
V
PP supply current
-
-
0.8
mA
V
PP = 300V, All HVOUT = 0V No load
I
DD
V
DD supply current
-
-
5.0
mA
V
DD = 6.0 to 7.5V
I
NN
V
NN supply current
-6.0
-
-
mA
V
NN = -4.5 to -6.5V
T
J
Operating temperature range
-10
-
85
°C
---
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
Parameter
Value
V
PP, High voltage supply
310V
AV
DD, Analog low voltage positive supply
8.0V
DV
DD, Digital low voltage positive supply
8.0V
AV
NN, Analog low voltage negative supply
-7.0V
DV
NN, Digital low voltage negative supply
-7.0V
Logic input voltage
-0.5V to DV
DD
V
SIG, Analog input signal
0V to 6.0V
Storage temperature range
-65°C to 150°C
Maximum junction temperature
150°C
Product Marking
100-Lead MQFP (FG)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Top Marking
HV257FG
LLLLLLLLLL
YYWW
CCCCCCCC AAA
Device
100-Lead MQFP
20.00x14.00mm body
3.15mm height (max)
0.65mm pitch
3.20mm footprint
HV257
HV257FG-G
-G indicates package is RoHS compliant (‘Green’)
Pin Configuration
1
100
Ordering Information
100-Lead MQFP (FG)
(top view)
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com