Electronic Components Datasheet Search
  English  ▼

X  

ICS8344 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS8344
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS8344 Datasheet HTML 7Page - Integrated Circuit Systems ICS8344 Datasheet HTML 8Page - Integrated Circuit Systems ICS8344 Datasheet HTML 9Page - Integrated Circuit Systems ICS8344 Datasheet HTML 10Page - Integrated Circuit Systems ICS8344 Datasheet HTML 11Page - Integrated Circuit Systems ICS8344 Datasheet HTML 12Page - Integrated Circuit Systems ICS8344 Datasheet HTML 13Page - Integrated Circuit Systems ICS8344 Datasheet HTML 14Page - Integrated Circuit Systems ICS8344 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
8344
www.icst.com
REV. B FEBRUARY 2, 2001
12
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
FIGURE 3A, 3B- SKEW DEFINITIONS & WAVEFORMS
Bank Skew - Skew between outputs within a bank. Outputs operating at the same temperature, supply voltages and with equal
load conditions.
CLK
nCLK
Q0 - Q7
Q8 - Q15
Q16 - Q23
tsk(o)
tsk(o)
FIGURE 3B - OUTPUT SKEW
fin = 167MHz, Vpp = 300mV, tr = tf = 200ps
VPP
Output Skew - Skew between outputs of any bank. Outputs operating at the same temperature, supply voltages and with equal
load conditions.
CLK
nCLK
Q0, Q8, Q16
Q7, Q15, Q23
tsk(b)
tsk(b)
FIGURE 3A - BANK SKEW
fin = 167MHz, Vpp = 300mV, tr = tf = 200ps
VPP
VDDO/2
VDDO/2
VDDO/2
VDDO/2
VDDO/2
VDDO/2
VDDO/2
VDDO/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com