Electronic Components Datasheet Search
  English  ▼

X  

ICS8344 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8344
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8344 Datasheet HTML 6Page - Integrated Circuit Systems ICS8344 Datasheet HTML 7Page - Integrated Circuit Systems ICS8344 Datasheet HTML 8Page - Integrated Circuit Systems ICS8344 Datasheet HTML 9Page - Integrated Circuit Systems ICS8344 Datasheet HTML 10Page - Integrated Circuit Systems ICS8344 Datasheet HTML 11Page - Integrated Circuit Systems ICS8344 Datasheet HTML 12Page - Integrated Circuit Systems ICS8344 Datasheet HTML 13Page - Integrated Circuit Systems ICS8344 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8344
www.icst.com
REV. B FEBRUARY 2, 2001
10
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
FIGURE 1A, 1B, 1C - INPUT CLOCK WAVEFORMS
VPP
VCMR
CLK
nCLK
GND
VDDI
CROSS POINTS
FIGURE 1A - LVDS, HSTL DIFFERENTIAL INPUT LEVELS
VPP
VCMR
CLK
nCLK
GND
VDDI
CROSS POINTS
FIGURE 1B - LVPECL DIFFERENTIAL INPUT LEVEL
GND
VDDI
FIGURE 1C- LVCMOS AND LVTTL SINGLE ENDED INPUT LEVEL
CLK
or
nCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com