Electronic Components Datasheet Search
  English  ▼

X  

ICS9118M-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9118M-01
Description  Frequency Generator for Digital Video Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9118M-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9118M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ICS9118-01
ICS9118-02 Obsolete
Electrical Characteristics at 5 V
VDD = +4.5 to +5.5 V, TA = 0 to 70
oC unless otherwise stated
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
M
S
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
I
--
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
I
0
.
2-
-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
I
V N
I
V
0
=-
3
.
80
.
8
1
-A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
I
V N
I
V
=
D
D
--
0
.
5A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV L
O *I L
O
A
m
0
1
+
=-
5
1
.
04
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV H
O *I H
O
A
m
0
3
-
=7
.
21
.
4-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
OI L
O *V L
O
V
8
.
0
=0
.
5
20
.
5
4-
A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
OI H
O *V H
O
V
4
.
2
=-
0
.
3
5
-0
.
5
3
-A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI D
D *d
e
d
a
o
l
n
U-
0
.
2
20
3A
m
e
u
l
a
V
r
o
t
s
i
s
e
R
p
u
-
l
l
u
P*
u
p
R-
0
.
0
0
40
.
0
0
8m
h
o
k
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
e
m
i
T
e
s
i
R*
r
TV
0
.
2
o
t
8
.
0
d
a
o
l
F
p
5
10
.
15
.
1s
n
e
m
i
T
l
l
a
FTf*V
8
.
0
o
t
0
.
2
d
a
o
l
F
p
5
10
.
15
.
1s
n
e
m
i
T
k
c
o
LTL*%
0
8
o
t
%
0
2
,
d
a
o
l
F
p
5
10
.
0
1s
m
e
l
c
y
C
y
t
u
DDt*
f
o
%
0
5
@
d
a
o
l
F
p
5
1
V D
D
T
R
A
U
t
p
e
c
x
E
;
0
.
5
40
.
0
50
.
5
5%
e
l
c
y
C
y
t
u
DDt*
f
o
%
0
5
@
d
a
o
l
F
p
5
1
V D
D
y
l
n
o
T
R
A
U
;
0
.
0
40
.
5
40
.
0
5%
a
m
g
i
S
e
n
O
,
r
e
t
t
i
JT s
1
j *o
i
d
u
A0
.
0
50
.
0
8s
p
e
t
u
l
o
s
b
A
,
r
e
t
t
i
JT b
a
j *o
i
d
u
A0
0
3
-0
0
3
+s
p
r
e
t
t
i
J,
a
m
g
i
S
e
n
OT s
1
j *T
R
A
U
,
K
L
C
F
E
R0
.
13
%
e
t
u
l
o
s
b
A
r
e
t
t
i
JT b
a
j *T
R
A
U
,
K
L
C
F
E
R0
.
5
-5
+%
y
c
n
e
u
q
e
r
F
n
a
e
M
t
u
p
t
u
O
t
e
g
r
a
T
.
s
v
y
c
a
r
u
c
c
A
F a
o *t
u
p
n
i
z
H
M
8
1
3
.
4
1
h
t
i
W0
.
0
8
-0
.
0
8
+m
p
p
e
m
i
T
p
u
-
r
e
w
o
PT u
p *
.
g
n
i
s
s
o
r
c
t
s
1
o
t
V
6
.
1
=
D
D
V
m
o
r
F
.
s
m
0
4
<
p
m
a
R
y
l
p
p
u
s
D
D
V
5
.
25
.
4s
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
l
a
t
s
y
r
CC x
n
i
*
)
1
n
i
P
(
1
X,
)
8
n
i
P
(
2
X
8
1F
p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com