Electronic Components Datasheet Search
  English  ▼

X  

ICS9118M-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9118M-01
Description  Frequency Generator for Digital Video Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9118M-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9118M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9118M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9118-01
ICS9118-02
Frequency Generator for Digital Video Systems
9118-01 9118-02 RevB 7/27/99
Block Diagram
The ICS9118-01 and ICS9118-02 are low-cost, high-
perform-ance clock generators designed to support digital
video sys-tems. 27 MHz VIDEO, 1.8 MHz UART and
AUDIO clocks are generated from the recovered 27 MHz
signal. The on-chip crystal oscillator can be used in
conjunction with an exter-nal D/A conversation circuit to
provide ±130 ppm clock recovery using a standard 27
MHz crystal (contact ICS for application details).
The audio clock is synthesized from 27 MHz using a high
accuracy, low jitter PLL to meet the synchronization and
-96dB signal-to-noise ratios required by 16-bit DSP systems.
Fast output clock edge rates minimize board-induced jitter.
•
Generates 27 MHz VIDEO, 1.8 MHz UART and
synchronous AUDIO codec clocks
•
Selectable AUDIO clock supports 256x and 384x
over-sampling of 16.00, 22.05, 24.00, 32.00, 44.10
and 48.00 kHz
•
On-chip crystal oscillator enables 27 MHz
clock recovery
•
80ps one sigma jitter maintains 16-bit performance
•
3.0V - 5.5V supply range
•
14-pin, 150-mil SOIC package
Applications
•
Specifically designed to support the high
performance clocking requirements of digital video
set-top and multi-media systems
Pin Configuration
14-Pin SOIC
2
X
,
1
X
)
z
H
M
(
S
F
]
0
:
2
[
O
I
D
U
A
1
0
)
z
H
M
(
O
I
D
U
A
2
0
)
z
H
M
(
F
E
R
)
z
H
M
(
T
R
A
U
)
z
H
M
(
0
0
.
7
20
0
0e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
0
0
.
7
21
0
06
9
0
.
44
4
1
.
60
0
.
7
20
2
6
8
.
1
0
0
.
7
20
1
04
4
6
.
52
.
7
6
4
.
80
0
.
7
20
2
6
8
.
1
0
0
.
7
21
1
04
4
1
.
66
1
2
.
90
0
.
7
20
2
6
8
.
1
0
0
.
7
20
0
12
9
1
.
88
8
2
.
2
10
0
.
7
20
2
6
8
.
1
0
0
.
7
21
0
19
8
2
.
1
12
.
4
3
9
.
6
10
0
.
70
2
6
8
.
1
0
0
.
7
20
1
18
8
2
.
2
12
3
4
.
8
10
0
.
7
20
2
6
8
.
1
0
0
.
7
21
1
1w
o
Lw
o
Lw
o
Lw
o
L
Functionality
VDD=3.0-5.5V, TEMP=0-70°
PRODUCT PREVIEW documents contain information on products in the formative or
design phase development. Charactersitic data and other specifications are design
goals. ICS reserves the right to change or discontinue these procucts without notice.
Obsolete
ICS9118-02 Obsolete


Similar Part No. - ICS9118M-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9118M-03 ICST-ICS9118M-03 Datasheet
122Kb / 5P
Frequency Generator for Digital Video Systems
RevB 7/28/99
More results

Similar Description - ICS9118M-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9118-03 ICST-ICS9118-03 Datasheet
122Kb / 5P
Frequency Generator for Digital Video Systems
RevB 7/28/99
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com