Electronic Components Datasheet Search
  English  ▼

X  

ICS9120-53 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9120-53
Description  Frequency Generator for CD-ROM Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-53 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9120-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9120-53
Pin Descriptions
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
X1
Input
Crystal or external clock source. Has feedback bias for crystal.
2
VDD
Power
+Power supply input.
3
GND
Power
Ground return for Pin 2.
4
20M
Output
12 MHz fixed output clock.
5
CLK1
Output
33.8/42.83 MHz selectable clock output.
6
40M
Output
24 MHz fixedoutput clock.
7
FS
Input
Input selector for CLK1.
8
X2
Output
Crystal output drive.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com