Electronic Components Datasheet Search
  English  ▼

X  

ICS9120-53 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9120-53
Description  Frequency Generator for CD-ROM Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-53 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9120-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-53 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ICS9120-53
Absolute Maximum Ratings
Electrical Characteristics at 5 V
VDD = +4.5 to +5.5 V, TA = 0 to 70
oC unless otherwise stated
*Parameter is guaranteed by design and characterization. Not 100% tested in production.
AVDD, VDD referenced to GND .......................................................................... 7V
Operating temperature under bias .................................................... 0
oC to +70oC
Storage temperature ..................................................................... -65
oC to +150oC
Voltage on I/O pins referenced to GND ...................... GND -0.5V toVDD +0.5V
Power dissipation ...................................................................................... 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect product reliability.
DC Characteristics
PA RA M ETER
SYM BOL
TEST CONDITIONS
M IN
TYP
M A X
UNITS
Input Low Voltage
VIL
--
0.8
V
Input H igh Voltage
VIH
2.0
-
-
V
Input Low Current
IIL
V IN=0V
-18.0
-8.3
-
µ A
Input H igh Current
IIH
V IN=V DD
--
5.0
µ A
Output Low Voltage
VOL*IOL=+10m A
-
0.15
0.4
V
Output H igh Voltage
VOH*IOH=-30m A
2.4
3.7
-
V
Output Low Current
IOL*VOL=0.8V
25.0
45.0
-
m A
Output H igh Current
I OH*VOH=2.4V
-
-53.0
-35.0
m A
Supply Current
IDD
Unloaded
-
24.0
50.0
m A
Pull-up Resistor Value
RPU*
-
400.0
800.0
k ohm
AC Characteristics
Rise Tim e
Tr*
15pF load, 0.8 to 2.0V
-
0.9
2.0
ns
Fall Tim e
Tf*
15pF load, 2.0 to 0.8V
-
0.7
1.5
ns
Rise Tim e
Tr*
15pF load, 20% to 80%
-
1.8
3.25
ns
Fall Tim e
Tf*
15pF load, 80% to 20%
-
1.4
2.5
ns
Duty Cycle
Dt*
15pF load @
50% of V DD
45.0
50.0
55.0
%
Jitter, O ne Sigm a
Tjis*
For all frequencies
-
100.0
200.0
ps
Jitter, Absolute
Tjab*
For all frequencies
-500.0
300.0
500.0
ps
Jitter, O ne Sigm a
Tjis*
REFCLK only
-
266.0
450.0
ps
Jitter, Absolute
Tjab*
REFCLK only
-1200
750.0
1200
ps
Input Frequency Range
Fi*
8.0
8.4
10.0
M Hz
Output Frequency Range
Fo*
11.0
-
42.0
M H z
Output M ean Frequency
A ccuracy vs. Target
Foa*
With 8.4672 M Hz input
-0.125
-
-0.04
%
Power-up Tim e
Tpu*
0 to 33.8 M H z
-
5.5
12.0
m s
Crystal Input Capacitance
Cinx*
X1 (Pin 1), X2 (Pin 8)
-5
5
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com