Electronic Components Datasheet Search
  English  ▼

X  

ICS9120M-53 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9120M-53
Description  Frequency Generator for CD-ROM Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120M-53 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9120M-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ICS9120-53
Electrical Characteristics at 3.3 V
VDD = +3.0 to +3.7V, TA = 0
OC-70oC unless otherwise stated
*Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.2VDD
V
Input High Voltage
VIH
0.7VDD
-
-
V
Input Low Current
IIL
VIN=0V
-8.0
-3.6
-
µA
Input High Current
IIH
VIN=VDD
-
-
5.0
µA
Output Low Voltage
VOL*IOL=6.0mA
-
0.05VDD
0.1
V
Output High Voltage
VOH*IOH=4.0mA
0.85VDD
0.94VDD
-V
Output Low Current
IOL*VOL=0.2VDD
15.0
24.0
-
mA
Output High Current
IOH*VOH=0.7VDD
-
-13.0
-8.0
mA
Supply Current
IDD
Unloaded
-
16.0
40.0
mA
Pull-up Resistor Value
RPU*
-
620.0
900.0
k ohm
AC Characteristics
Rise Time
Tr*
15pF load 0.8 to 2.0V
-
1.5
4.0
ns
Fall Time
Tf*
15pF load 2.0 to 0.8V
-
1.0
3.0
ns
Rise Time
Tr*
15pF load 20% to 80%
-
2.2
4.0
ns
Fall Time
Tf*
15pF load 80% to 20%
-
1.5
3.0
ns
Duty Cycle
Dt*
15pF load @ 50% ofVDD
45.0
50.0
55.0
%
Jitter, One Sigma
Tjis*
For all frequencies
-
150.0
200
ps
Jitter Absolute
Tjab*
For all frequencies
-550.0
330.0
550.0
ps
Input Frequency Range
Fi*
8.0
8.4
10.0
MHz
Output Frequency Range
Fo*
11.0
-
38.0
MHz
Output Mean Frequency
Accuracy vs. Target
Foa*
With 8.4672 MHz input
-0.125
-
-0.04
%
Power-up Time
Tpu*
0 to 33.8 MHz
-
5.5
12.0
ms
Crystal Input Capacitance
Cinx*
X1 (Pin 1),
X2 (Pin 8)
-5
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com