Electronic Components Datasheet Search
  English  ▼

X  

ICS9120M-53 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9120M-53
Description  Frequency Generator for CD-ROM Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120M-53 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9120M-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120M-53 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
Features
General Description
ICS9120-53
Frequency Generator for CD-ROM Systems
9120-53 Rev B 052497P
Block Diagram
•
Generates 33.8688 MHz or 42.83 MHz decode clocks
plus the 12 and 24 MHz fixed clocks
•
Single 8.4672 MHz crystal or system clock reference
•
200ps one sigma jitter maintains 16-bit performance
•
Output rise/fall times less than 2.0ns
•
On-chip loop filter components
•
3.3V-5V supply range
•
8-pin, 150-mil SOIC
Applications
•
Specifically designed to support the high performance
requirements of CD-ROM drive systems
The ICS9120-53 is a high performance frequency generator
designed to support digital compact disk drive systems. It
offers all clock frequencies required for the servo and
decoder sections of these devices. These frequencies are
synthesized from a single 16.9344 MHz on-chip oscillator.
High accuracy, low jitter PLLs meet the 150 ppm frequency
tolerance required by these systems. Fast output clock
edge rates minimize board induced jitter.
Unlike competitive devices, the ICS9120-53 operates over
the entire 3.0-5.5V range.
Pin Configuration
8-Pin SOIC
Functionality
X1, X2
(M Hz)
FS
D ivisor
C LK 1
8.4672
0
X12÷3
33.8688
86.4672
1
X61÷6
42.83
Clock
X1, X2
(M Hz)
Divisor
O utput
(M Hz)
12M
8.4672
X52÷11÷2
20.0134
24M
8.4672
X52÷11
40.0268
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9120M-53

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120M-52 ICST-ICS9120M-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9120M-56 ICST-ICS9120M-56 Datasheet
79Kb / 5P
Frequency Timing Generator for EtherNet & Hard Drives
Rev A 040697
More results

Similar Description - ICS9120M-53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7335 PHILIPS-SAA7335 Datasheet
196Kb / 36P
DSP for CD and DVD-ROM systems
1997 Aug 11
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
BTL driver for CD/CD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-48 ICST-ICS9120-48 Datasheet
189Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A110196
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
logo
Samsung semiconductor
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
DECODER FOR CD-MP3/CD-ROM
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com