Electronic Components Datasheet Search
  English  ▼

X  

HBLDS3SSAC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HBLDS3SSAC
Description  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBLDS3SSAC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HBLDS3SSAC Datasheet HTML 4Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 5Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 6Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 7Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 8Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 9Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 10Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 11Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
11
Circuit-Lock® NEMA 1 Enclosures without Switch
For use with 30A switches shown on page 10.
Description
Cover Material
Base Material
No. Equipment
Grounds
Catalog Number
For use with 30A switch.
Thermoplastic
Steel
1
HBL1390
For use with 30A switch.
Aluminum
Aluminum
2
HBL1370
HBL1390
HBL1370
HBL1389D
HBL1379D
Circuit-Lock® NEMA 1 Enclosures with Switch
Ideal for use in industrial environments, i.e. conveyor systems, industrial fans, etc.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
1Ø
240V AC
3Ø
480V AC
3Ø
600V AC
3Ø
30
2
Thermoplastic/Steel
2
5
10
15
HBL1392D
3
Thermoplastic/Steel
3
7.5
15
20
HBL1389D
30
2
Aluminum
2
5
10
15
HBL1372D
3
Aluminum
3
7.5
15
20
HBL1379D
HBL13R22D
HBL13R12D
HBL13R89D
HBL16R93D
Circuit-Lock® NEMA 3/3R Enclosures with Switch*
Ideal for use on outdoor equipment.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
1Ø
240V AC
3Ø
480V AC
3Ø
600V AC
3Ø
30
2
Thermoplastic
2
5
10
15
HBL13R22D
3
Thermoplastic
3
7.5
15
20
HBL13R23D
30
2
Aluminum
2
5
10
15
HBL13R12D†
3
Aluminum
3
7.5
15
20
HBL13R13D†
Note: *Drill weep-hole to alter from NEMA 3 to NEMA 3R.
†
Equipped with
HBLFG30 sidewall insulation barriers.
Circuit-Lock® NEMA 3R Enclosures without Switch
For use with switches shown on page 10.
Description
Enclosure Material
Catalog Number
For use with 30A switch.
Aluminum
HBL13R90
For use with 60A switch.
Aluminum
HBL16R90
Circuit-Lock® NEMA 3R Enclosures with Switch
Ideal for use in outdoor environments.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
1Ø
240V AC
3Ø
480V AC
3Ø
600V AC
3Ø
30
2
Aluminum
2
5
10
15
HBL13R92D
3
Aluminum
3
7.5
15
20
HBL13R89D
60
2
Aluminum
—
10
15
20
HBL16R92D
3
Aluminum
—
10
25
30
HBL16R93D
HBL13X33D
HBL16S63D
Circuit-Lock® NEMA 4X Enclosures with Rotary Handle
Ideal for use in environments where wash-down is necessary, i.e. food processing, laboratories, etc.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
1Ø
240V AC
3Ø
480V AC
3Ø
600V AC
3Ø
30
2
Stainless Steel
3
7.5
15
20
HBL13S33D
3
Valox®
3
7.5
15
20
HBL13X33D
60
3
Stainless Steel
—
10
25
30
HBL16S63D
3
Valox®
—
10
25
30
HBL16X63D
Finger Guard option for 30A switch.
HBLFG30
NO/NC auxiliary contact, 10A 120/250V AC for 30 and 60 Amp rotary switches.
HBLAUX
NEMA Disconnect Switches
“Suitable as Motor Disconnects”
Valox® is a trademark of SABIC Innovative Plastics, acquired from General Electric Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com