Electronic Components Datasheet Search
  English  ▼

X  

HBLDS3SSAC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HBLDS3SSAC
Description  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBLDS3SSAC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HBLDS3SSAC Datasheet HTML 4Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 5Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 6Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 7Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 8Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 9Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 10Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 11Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
9
IP66
SUITABILITY
HBL2321SW
HBL2320SW
SEHBL3
SETL3
HBLMITL
Twist-Lock® Mechanical Interlock Switched Safety Enclosures
Circuit-Lock® Unfused Safety Shroud® Twist-Lock®
• Mechanically interlocked to prevent mating and breaking under load
• Switched enclosures sold separately from receptacle for custom
electrical configurations
• Type 4X rated system with and without the plug inserted
• Horsepower rated switch
• Enclosure is designed for top, bottom or back feed options
HBLMITL Accepts the Following Watertight Safety-Shroud® Twist-Lock® Receptacles:
Amp
Poles/Wires
Voltage AC
NEMA Config.
Ref. Number
Max. HP
Rating*
Receptacle
Mating Plug
20
2 Pole,
3 Wire
120
L5-20
1
HBL2310SW
HBL2311SW
208-240
L6-20
2.5
HBL2320SW
HBL2321SW
277
L7-20
3
HBL2330SW
HBL2331SW
3 Pole,
4 Wire
120/240
L14-20
2.5
HBL2410SW
HBL2411SW
240 3Ø
L15-20
5 (3@208V)
HBL2420SW
HBL2421SW
480 3Ø
L16-20
10
HBL2430SW
HBL2431SW
4 Pole, 5 Wire 120/208 3ØY
L21-20
3
HBL2510SW
HBL2511SW
30
2 Pole,
3 Wire
120
L5-30
1
HBL2610SW
HBL2611SW
208-240
L6-30
3
HBL2620SW
HBL2621SW
3 Pole,
4 Wire
120/240
L14-30
3
HBL2710SW
HBL2711SW
240 3Ø
L15-30
7.5
HBL2720SW
HBL2721SW
480 3Ø
L16-30
15
HBL2730SW
HBL2731SW
600 3Ø
L17-30
15
HBL2740SW
HBL2741SW
4 Pole,
5 Wire
120/208 3ØY
L21-30
7.5
HBL2810SW
HBL2811SW
277/480
L22-30
7.5
HBL2820SW
HBL2821SW
347/600
L23-30
7.5
HBL2830SW
HBL2831SW
Note: *HP ratings for the final unit are determined by the HP rating of the switch, limited by the full load current capability of the
receptacle at 80% of rated current, number of phases and line voltage. HP ratings listed above are AC only.
Switched Safety Enclosures (Receptacles Sold Separately Listed Below)
Description
Ratings
Catalog Number
Mechanical Interlock accommodates
20A or 30A Watertight Safety-Shroud®
Twist-Lock® receptacles.
Amperage and voltage ratings will be determined
by the choice of the Watertight Safety-Shroud®
Twist-Lock® selected. Supplied with ¾" N.P.T. Hub.
HBLMITL
Hubbell's Twist-Lock® Mechanical Interlock integrates an angled
watertight Hubbell Safety-Shroud® Twist-Lock® receptacle with a
linked disconnect switch that prevents making lazy connection or
breaking the circuit while under load. The switch cannot be turned
"ON" until the plug is properly inserted and locked, and the plug
cannot be removed until the switch is turned "OFF". The pre-molded
conduit entry hole is offset to prevent condensation from reaching
interior components, while speeding installation by making it easier
to pull conductors. Twist-Lock® Mechanical Interlocks offer superior
flexibility—they can be used in a horizontal or vertical position, and
the Type 4X corrosion-resistant enclosure allows for top, bottom or
back feed options.
Switched Safety Enclosures (Receptacles Sold Separately**)
Description
Ratings
Catalog Number
Switched Twist-Lock® enclosure
accommodates any NEMA 2 pole,
3 wire to 4 pole, 5 wire grounding
receptacle.
Amperage, voltage, and horsepower ratings
will be determined by the choice of the NEMA
20 or 30A Twist-Lock® receptacle selected.
SETL3
Switched enclosure for use with
3 pole 4 wire 30A Hubbellock®
receptacle.
Amperage, voltage, and horsepower ratings
will be determined by the choice of the
4 wire Hubbellock®.
SEHBL3
Note: **Please see the full line catalog for a complete selection of Twist-Lock and Hubbellock devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com