Electronic Components Datasheet Search
  English  ▼

X  

AD720 Datasheet(PDF) 2 Page - Analog Devices

Part # AD720
Description  RGB to NTSC/PAL Encoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD720 Datasheet(HTML) 2 Page - Analog Devices

  AD720_15 Datasheet HTML 1Page - Analog Devices AD720_15 Datasheet HTML 2Page - Analog Devices AD720_15 Datasheet HTML 3Page - Analog Devices AD720_15 Datasheet HTML 4Page - Analog Devices AD720_15 Datasheet HTML 5Page - Analog Devices AD720_15 Datasheet HTML 6Page - Analog Devices AD720_15 Datasheet HTML 7Page - Analog Devices AD720_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUTS (RDIN, GRIN, BLIN)
Input Amplitude
NTSC
714
mV
PAL
700
mV
Input Resistances
1
RDIN with Respect to AGND
2.3
k
Ω
GRIN with Respect to AGND
4.2
k
Ω
BLIN with Respect to AGND
4.2
k
Ω
Input Capacitance
5pF
LOGIC INPUTS (C-SYNC, 4FSC, ENCD, NTSC)
Logic LO Input Voltage
1
V
Logic HI Input Voltage
4
V
Logic LO Input Current (DC)
<1
µA
Logic HI Input Current (DC)
<1
µA
BYPASS AMPLIFIERS (AD721 Only)
Gain Error
Nominal Gain of
×22
–5
+5
%
Small Signal –3 dB Bandwidth
100
MHz
Output Offset Voltage (Active State)
–50
+50
mV
Output Voltage (Inactive State)
–50
+50
mV
VIDEO OUTPUTS
3 (LUMA, CRMA, CMPS)
Luminance (LUMA) Output
Bandwidth
5
MHz
Gain Error
–5
±1
+5
%
Linearity
±0.1
%
Sync Level
NTSC
252
286
320
mV
PAL
300
mV
Chrominance (CRMA) Output
Bandwidth
NTSC
3.6
MHz
PAL
4.4
MHz
Color Burst Amplitude
NTSC
257
286
315
mV p-p
PAL
300
mV p-p
Absolute Gain Error
–15
±5
+15
%
Absolute Phase Error
±3
Degrees
Chroma/Luma Time Alignment
4
NTSC
–170
ns
Composite Output
Absolute Gain Error
–5
±1
+5
%
Differential Gain
With Respect to Chroma Channel
0.1
%
Differential Phase
With Respect to Chroma Channel
0.1
Degrees
Output Offset Voltage
Chroma, Luma, or Composite Outputs
50
100
mV
Chroma Feedthrough
Monochrome Input
20
55
mV p-p
POWER SUPPLIES (APOS, DPOS, VNEG)
Recommended Supply Range
Dual Supply
±4.75
±5.25
V
Full Output Current
5
–5 V Supply
35
mA
+5 V Supply
67
mA
Zero Signal Quiescent Current
–5 V Supply
10
20
35
mA
+5 V Supply
10
20
35
mA
Bypass Mode Quiescent Current
–5 V Supply
14
20
mA
(AD721 Only)
+5 V Supply
14
20
mA
AD720/AD721–SPECIFICATIONS
NOTES
1Input scaling resistors provide best scaling accuracy when source resistance is 37.5
Ω (75 Ω reverse-terminated input).
2Required for driving a 75
Ω double reverse terminated load.
3All outputs are measured at a reverse-terminated load; voltages at IC pins are twice those specified here.
4This is a predistortion (per FCC specifications) that compensates for the chroma/luma delay in the low-pass filter that separates the luminance and chrominance
signals in a television receiver.
5CRMA, LUMA, and CMPS outputs are all connected to 75
Ω reverse-terminated loads; full-white signal for entire field.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
(TA = +25
°C and supplies = ±5 V unless otherwise noted)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com