Electronic Components Datasheet Search
  English  ▼

X  

AD720 Datasheet(PDF) 3 Page - Analog Devices

Part # AD720
Description  RGB to NTSC/PAL Encoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD720 Datasheet(HTML) 3 Page - Analog Devices

  AD720_15 Datasheet HTML 1Page - Analog Devices AD720_15 Datasheet HTML 2Page - Analog Devices AD720_15 Datasheet HTML 3Page - Analog Devices AD720_15 Datasheet HTML 4Page - Analog Devices AD720_15 Datasheet HTML 5Page - Analog Devices AD720_15 Datasheet HTML 6Page - Analog Devices AD720_15 Datasheet HTML 7Page - Analog Devices AD720_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD720/AD721
REV. 0
–3–
PIN DESCRIPTIONS
Pin Mnemonic*
Description*
1
(NC) GOUT
(No Connection) Green Bypass Buffer
2
(NC) APOS
(No Connection) Analog Positive Supply; +5 V
± 5%
3
(NC) ROUT
(No Connection) Red Bypass Buffer
4
AGND
Analog Ground Connection
5
ENCD
A Logical High Enables the NTSC/PAL Encode
Mode (A Logical Low Powers Down the Chip)
A Logical Low Enables the RGB Bypass Mode
6
RDIN
Red Component Video Input
0 mV to 714 mV for NTSC
0 mV to 700 mV for PAL
7
AGND
Analog Ground Connection
8
GRIN
Green Component Video Input
0 mV to 714 mV for NTSC
0 mV to 700 mV for PAL
9
AGND
Analog Ground Connection
10
BLIN
Blue Component Video Input
0 mV to 714 mV for NTSC
0 mV to 700 mV for PAL
11
STND
A Logical High Input Selects NTSC Encoding
A Logical Low Input Selects PAL Encoding
CMOS Logic Levels
12
AGND
Analog Ground Connection
13
CRMA
Chrominance Output; Subcarrier Only**
572 mV Peak-to-Peak for NTSC
600 mV Peak-to-Peak for PAL
14
APOS
Analog Positive Supply; +5 V
± 5%
15
CMPS
Composite Video Output**
–572 mV to 2 V for NTSC
–600 mV to 2 V for PAL
16
APOS
Analog Positive Supply; +5 V
± 5%
17
LUMA
Luminance Plus SYNC Output**
–572 mV to 1.43 V for NTSC
–600 mV to 1.4 V for PAL
18
VNEG
System Negative Supply; –5 V
± 5%
19
DGND
Digital Ground Connection
20
4FSC
Clock Input at Four Times the Subcarrier Frequency
14.318 180 MHz for NTSC
17.734 480 MHz for PAL
CMOS Logic Levels
21
DPOS
Digital Positive Supply; +5 V
± 5%
22
ASNC
A Logical High Input Resets the Subcarrier Phase
Every Frame
A Logical Low Input Resets the Subcarrier Phase
Every Fourth Frame
CMOS Logic Levels
23
DPOS
Digital Positive Supply; +5 V
± 5%
24
SYNC
Input for Composite Television
Synchronization Pulses
Negative Sync Pulses
CMOS Logic Levels
25
DGND
Digital Ground Connections (One of Two)
26
VNEG
System Negative Supply; –5 V
± 5%
27
(NC) BOUT
(No Connection) Blue Bypass Buffer
28
APOS
Analog Positive Supply; +5 V
± 5%
*( ) pertain only to AD720.
**The luminance, chrominance, and composite outputs are at twice normal
levels for driving 75
Ω reverse-terminated lines.
ORDERING GUIDE
Temperature
Package
Model
Range
Package
Option
AD720JP
0
°C to +70°C
28-Pin PLCC
P-28A
AD721JP
0
°C to +70°C
28-Pin PLCC
P-28A
PIN CONNECTIONS
28-Lead Plastic Leaded Chip Carrier (PLCC) Package
P-28A
AD720/AD721
RGB TO NTSC/PAL
ENCODER
5
6
7
8
9
10
11
28
27
26
1
2
3
4
25
24
23
22
21
20
19
12
13
14
15
16
17
18
DGND
SYNC
DPOS
ASNC
DPOS
4FSC
DGND
ENCD
RDIN
AGND
GRIN
AGND
BLIN
STND
NOTE:
CONNECTIONS IN ( ) PERTAIN ONLY TO AD720
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
±V
S
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 sec . . . . . . . . . . . . . . +300
°C
NOTE
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended rating conditions for extended periods
may affect device reliability.
Thermal characteristics: 28-pin plastic package:
θ
JA = 100°C.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD720/AD721 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com