Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-18 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9148-18
Description  Pentium/ProTM System Clock Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-18 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9148-18 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-18 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9148-18
Pin Descriptions
Select Functions
(Functionality determined by FS0 and SEL100/66# pin, see below)
Notes:
1. TCLK is a test clock driven on the X1 (crystal in pin) input during test mode.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
26
REF0
OUT
14.318MHz clock output
28
GND1
PWR
Ground for REF outputs
1X1
IN
XTAL_IN 14.318MHz Crystal input, has internal 33pF load
cap and feed back resistor from X2
2
X2
OUT
XTAL_OUT Crystal output, has internal load cap 33pF
3, 12
GND2
PWR
Ground for PCI outputs
4
PCICLK_F
OUT
Free Running PCI output
5, 7, 8, 10, 11
PCICLK (0:4)
OUT
PCI clock outputs. TTL compatible 3.3V
6, 9
VDD2
PWR
Power for PCICLK outputs, nominally 3.3V
13, 21
VDD
PWR
Isolated power for core, nominally 3.3V
14, 20
GND
PWR
Isolated ground for core
15
SEL100/66.6#
IN
Select pin for enabling 100MHz or 66.6MHz
H=100MHz, L=66.6MHz (PCI always synchronous 33.3MHz)
16
FS0
IN
Frequency Select pin
17
PD#
IN
Powers down chip, active low
18
CPU_STOP#
IN
Halts CPU clocks at logic "0" level when low
19
PCI_STOP#
IN
Halts PCI Bus at logic "0" level when low
25
VDDL
PWR
Power for CPU outputs, nominally 2.5V
22
GNDL
PWR
Ground for CPU outputs.
23, 24
CPUCLK (1:0)
OUT
CPU and Host clock outputs @ 2.5V
27
VDD1
PWR
Power for REF outputs.
Functionality
CPUCLK
PCI,
PCI_F
REF0
Tristate
HI - Z
HI - Z
HI - Z
Testmode
TCLK/2
1
TCLK/6
1
TCLK
1
SEL 100/66#
FS0
Function
00
Tri-State
0
-
(Reserved)
0
-
(Reserved)
0
1
Active 66.6MHz CPU, 33.3 PCI
10
Test Mode
1
-
(Reserved)
1
-
(Reserved)
1
1
Active 100MHz CPU, 33.3 PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com