Electronic Components Datasheet Search
  English  ▼

X  

EX850 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX850
Description  TRMS 1000A AC/DC Clamp Meter for Android
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX850 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX850 Datasheet HTML 1Page - Extech Instruments Corporation. EX850 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EX850 TRMS 1000A AC/DC
Clamp Meter for Android™
Monitor Readings via Bluetooth®
Clamp meter transmits readings to Android
smartphones and tablets
View key electrical readings taken by the EX850 at a safe distance
on your Android device. Power up equipment from remote switches
or use your Android to show readings to a customer/manager.
Download the Extech ExView™ EX850 App
at play.google.com
Features
•
Integrated Bluetooth® connects with most Android
devices to transmit readings for remote viewing
•
Works with free Android App to display large, easy-
to-read values for: AC/DC voltage, AC/DC current,
capacitance, resistance, frequency, diode test, and
temperature (Type-K & infrared), up to 30’ (10m) away
•
Non-contact IR Thermometer design with laser pointer
•
CAT IV safety rating for industrial applications
•
True RMS Current and Voltage measurements
•
Peak hold captures inrush currents and Transients
•
1.7" (43mm) jaw opening for conductors up to
750MCM or two 500MCM
•
4000 count backlit display
•
Autoranging with manual range button
•
Data Hold, Min/Max and Auto Power off
•
Complete with CAT IV test leads, 9V battery,
general purpose Type K probe, and pouch case
See back page for meter specifications
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 11/15/13
Android & Google Play are trademarks of Google Inc. The Android robot is reproduced or modified from work created
and shared by Google and used according to terms described in the Creative Commons 3.0 Attribution License.
CAT IV -600V safety rating for added protection and True RMS
feature gives you accurate readings of non-sinusoidal waveforms.
Built-in IR Thermometer with laser pointer is an excellent
troubleshooter for locating hot spots and overheating motors.


Similar Part No. - EX850

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX800 EXTECH-EX800 Datasheet
140Kb / 1P
ExStik짰 4-in-1 Water Quality Meter Kits
EX810 EXTECH-EX810 Datasheet
347Kb / 13P
1000 Amp Clamp Meters with IR Thermometer
EX810 EXTECH-EX810_15 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
EX820 EXTECH-EX820 Datasheet
347Kb / 13P
1000 Amp Clamp Meters with IR Thermometer
EX820 EXTECH-EX820 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
More results

Similar Description - EX850

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380652 EXTECH-380652 Datasheet
237Kb / 1P
200A AC/DC Mini Clamp Meter
380926 EXTECH-380926 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
380950 EXTECH-380950 Datasheet
264Kb / 1P
80A Mini AC/DC Clamp Meter
380976 EXTECH-380976 Datasheet
260Kb / 1P
1000A AC Power Clamp Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
ETK35 EXTECH-ETK35 Datasheet
1,008Kb / 1P
ETK35 Electrical Test Kit with TRMS AC/DC Clamp Meter
PQ2071 EXTECH-PQ2071_15 Datasheet
636Kb / 1P
1000A TRMS AC Power Clamp Meter
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
Milli-Amp AC/DC Clamp Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com