Electronic Components Datasheet Search
  English  ▼

X  

EX850 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # EX850
Description  TRMS 1000A AC/DC Clamp Meter for Android
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX850 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  EX850 Datasheet HTML 1Page - Extech Instruments Corporation. EX850 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Specifications
Range
Basic Accuracy
AC/DC Current
0.1 to 1000A
±2.8%
AC/DC Voltage
0.1mV to 1000V
AC: ±1.5%; DC: ±2.8%
Resistance
0.1 to 40MΩ
±1.5%
Capacitance
0.001nF to 40,000μF
±3.0%
Frequency
0.001kHz to 4kHz
±1.5%
IR Temperature
-58 to 518ºF (-50 to 270ºC)
±2.0% rdg or ±4ºF/±2ºC
Type K Temperature
-4 to 1400ºF (-20 to 760ºC)
±(3%rdg+9°F/5ºC)
Continuity
Yes
Inrush
Yes
Diode
Yes
Dimensions/Weight
10.6x4.3x2" (270x110x50mm)/ 13.6oz (386g)
Ordering
EX850 ............... True RMS 1000A AC/DC Clamp Meter for Android™



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com