Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-32 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9148-32
Description  Pentium/ProTM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-32 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9148-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ICS9148-32
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS9148-32. It is used to turn off the PCICLK (0:6) clocks for low power operation.
PCI_STOP# is synchronized by the ICS9148-32 internally. The minimum that the PCICLK (0:6) clocks are enabled (PCI_STOP#
high pulse) is at least 10 PCICLK (0:6) clocks. PCICLK (0:6) clocks are stopped in a low state and started with a full high pulse
width guaranteed. PCICLK (0:6) clock on latency cycles are only one rising PCICLK. Clock off latency is one PCICLK clock.
CPU_STOP# Timing Diagram
CPUSTOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPUCLKs for low power operation.
CPU_STOP# is synchronized by the ICS9148-32. The minimum that the CPUCLK is enabled (CPU_STOP# high pulse) is 100
CPUCLKs.All other clocks will continue to run while the CPUCLKs are disabled. The CPUCLKs will always be stopped in a low
state and start in such a manner that guarantees the high pulse width is a full pulse. CPUCLK on latency is less than 4 CPUCLKs
and CPUCLK off latency is less than 4 CPUCLKs.
Notes:
1. All timing is referenced to the internal CPUCLK.
2. CPU_STOP# is an asynchronous input and metastable conditions may exist.
This signal is synchronized to the CPUCLKs inside the ICS9148-32.
3. All other clocks continue to run undisturbed.
4. PD# and PCI_STOP# are shown in a high (true) state.
Notes:
1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9148 device.)
2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized
inside the ICS9148-32.
3. All other clocks continue to run undisturbed.
4. PD# and CPU_STOP# are shown in a high (true) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com