Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-32 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9148-32
Description  Pentium/ProTM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-32 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9148-32 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-32 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9148-32
Block Diagram
Pentium/ProTM System Clock Chip
9148-32 Rev B 09/09/98
Pin Configuration
48-Pin SSOP
Pentium is a trademark on Intel Corporation.
•
Generates system clocks for CPU, IOAPIC, PCI,
14.314 MHz REF , USB, and Super I/O
•
Supports single or dual processor systems
•I2C interface
•
Supports Spread Spectrum modulation for CPU & PCI
clocks, ±0.255% Center Spread or 0 to -0.6% Down
Spread.
•
Skew from CPU (earlier) to PCI clock 1 to 4ns
•
CPU cycle to cycle jitter ±200ps
•
2.5V or 3.3V output: CPU, IOAPIC
•
3.3Voutputs: PCI, REF, 48MHz
•
No power supply sequence requirements
•
Uses external 14.318MHz crystal, no external load cap
required for CL=18pF crystal
•
48pin300milSSOP
The ICS9148-32 is a Clock Synthesizer chip for Pentium and
PentiumPro CPU based Desktop/Notebook systems that will
provide all necessary clock timing.
Features include four CPU and eight PCI clocks. Three
reference outputs are available equal to the crystal frequency.
Additionally, the device meets the Pentium power-up
stabilization requirement, assuring that CPU and PCI clocks
are stable within 2ms after power-up.
PD# pin enables low power mode by stopping crystal OSC
and PLL stages. Other power management features include
CPU_STOP#, which stops CPU (0:3) clocks, and PCI_STOP#,
which stops PCICLK (0:6) clocks.
Serial I2C interface allows power management by output clock
disabling.
High drive CPUCLK outputs typically provide greater than 1
V/ns slew rate into 20pF loads. PCICLK outputs typically
provide better than 1V/ns slew rate into 30pF loads while
maintaining 50±5% duty cycle. The REF clock outputs typically
provide better than 0.5V/ns slew rates.
The ICS9148-32 accepts a 14.318MHz reference crystal or
clock as its input and runs on a 3.3V core supply.
Power Groups
VDD = Supply for PLL core
VDD1=REF(0:2),X1,X2
VDD2=PCICLK_F,PCICLK(0:6)
VDD3=48MHz,24/48MHz#
VDDL1=IOAPIC(0:1)
VDDL2=CPUCLK(0:3)
Ground Groups
GND = Ground for PLL core
GND1=REF(0:2),X1,X2
GND2=PCICLK_F,PCICLK(0:6)
GND3=48MHz,24/48MHz#
GNDL1=IOAPIC(0:1)
GNDL2=CPUCLK(0:3)
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9148-32

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
Pentium/ProTM System Clock Chip
2019
More results

Similar Description - ICS9148-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
Pentium/ProTM System Clock Chip
Rev C 1/26/99
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
Pentium/ProTM System Clock Chip
Rev E 4/20/99
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com