Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-36 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9148-36
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-36 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9148-36 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 12Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 13Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 14Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 15Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ICS9148-36
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -28 mA
2.4
3
V
Output Low Voltage
VOL1
IOL = 23 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
41
50
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1.8
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1.6
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
50
55
%
Skew
tsk1
1
VT = 1.5 V
130
250
ps
Jitter, One Sigma
1
tj1s1a
VT = 1.5 V, synchronous
40
150
ps
tj1s1b
VT = 1.5 V, asynchronous
200
250
ps
Jitter, Absolute
1
tabs1a
VT = 1.5 V, synchronous
-250
135
250
ps
tjabs1b
VT = 1.5 V, asynchronous
-650
500
650
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -28 mA
2.4
3
V
Output Low Voltage
VOL1
IOL = 23 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
41
50
mA
Rise Time
1
Tr1
VOL = 0.4 V, VOH = 2.4 V
1.75
2
ns
Fall Time
1
Tf1
VOH = 2.4 V, VOL = 0.4 V
1.5
2
ns
Duty Cycle
1
Dt1
VT = 1.5 V
45
50
55
%
Propagation Delay
Tprop
VT = 1.5 V
4.2
6
ns
Skew
1
Tsk1
VT = 1.5 V
200
500
ps
1
Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com