Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-36 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9148-36
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-36 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9148-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ICS9148-36
Functionality
VDD1, 2, 3, 4 = 3.3V±5%,VDDL = 2.5V±5% or 3.3 ±5%, TA= 0 to 70°C
Crystal (X1, X2) = 14.31818MHz
5
.
2
_
#
3
.
3
U
P
C
l
e
v
e
l
t
u
p
n
I
)
a
t
a
D
d
e
h
c
t
a
L
(
r
o
f
d
e
t
c
e
l
e
S
r
e
f
f
u
B
:
t
a
n
o
i
t
a
r
e
p
o
1D
D
V
V
5
.
2
0D
D
V
V
3
.
3
CPU 3.3#_2.5V Buffer selector for CPUCLK drivers.
Power Management Functionality
Mode Pin - Power Management Input Control
5
2
n
i
P
,
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
7
1
n
i
P8
1
n
i
P0
2
n
i
P1
2
n
i
P
0
#
P
O
T
S
_
U
P
C
)
T
U
P
N
I
(
#
P
O
T
S
_
I
C
P
)
T
U
P
N
I
(
#
P
O
T
S
_
P
G
A
)
T
U
P
N
I
(
#
D
P
)
T
U
P
N
I
(
1
1
1
M
A
R
D
S
)
T
U
P
T
U
O
(
0
1
M
A
R
D
S
)
T
U
P
T
U
O
(
9
M
A
R
D
S
)
T
U
P
T
U
O
(
8
M
A
R
D
S
)
T
U
P
T
U
O
(
#
P
O
T
S
_
P
G
A#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P
,
P
G
A
K
L
C
U
P
C
s
t
u
p
t
u
O
K
L
C
I
C
P
)
5
:
0
(
,
F
_
K
L
C
I
C
P
z
H
M
8
4
,
F
E
R
M
A
R
D
S
d
n
a
l
a
t
s
y
r
C
C
S
O
O
C
V)
2
:
1
(
P
G
A
10
1
w
o
L
d
e
p
p
o
t
Sg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
11
1
g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
11
0
g
n
i
n
n
u
Rw
o
L
d
e
p
p
o
t
Sg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
01
1
g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rw
o
L
d
e
p
p
o
t
S
2
S
F1
S
F0
S
F
M
A
R
D
S
,
U
P
C
)
z
H
M
(
I
C
P
)
z
H
M
(
P
G
A
)
z
H
M
(
C
I
P
A
O
I
,
F
E
R
)
z
H
M
(
111
0
0
13
.
3
36
.
6
68
1
3
.
4
1
11
0
5
2
.
5
95
7
.
1
35
.
3
68
1
3
.
4
1
10
1
3
.
3
83
.
3
36
.
6
68
1
3
.
4
1
10
0
5
70
30
68
1
3
.
4
1
01
1
5
75
.
7
35
78
1
3
.
4
1
01
0
5
.
8
65
2
.
4
35
.
8
68
1
3
.
4
1
00
1
8
.
6
64
.
3
38
.
6
68
1
3
.
4
1
000
0
60
30
68
1
3
.
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com