Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-47 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9148-47
Description  Pentium/ProTM System Clock Chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-47 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9148-47 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9148-47
Block Diagram
Pentium/ProTM System Clock Chip
9148-47 Rev D 08/04/98
Pin Configuration
28 pin SOIC
Pentium is a trademark on Intel Corporation.
•
Generates system clocks for CPU, PCI, IOAPIC ,
14.314MHz,48and24MHz.
•
Supports single or dual processor systems
•
Skew from CPU (earlier) to PCI clock 1 to 4ns
•
Separate 2.5V and 3.3V supply pins
•
2.5V outputs: CPU, IOAPIC
•
3.3V outputs: PCI, REF
•
No power supply sequence requirements
•
28 pin SOIC
•
Spread Sectrum operation optional for PLL1
•
CPU frequencies to 100MHz are supported.
The ICS9148-47 is part of a reduced pin count two-chip clock
solution for designs using an Intel BX style chipset.
Companion SDRAM buffers are ICS9179-11 and –12.
There are two PLLs, with the first PLL capable of spread
spectrum operation. Spread spectrum typically reduces system
EMI by 8-10dB. The second PLL provides support for USB
(48MHz) and 24MHz requirements. CPU frequencies up to
100MHz are supported.
The I2C interface allows stop clock programming, frequency
selection, and spread spectrum operation to be programmed.
Clock outputs include two CPU (2.5V or 3.3V), seven PCI
(3.3V),oneREF(3.3V),oneIOAPIC(2.5Vor3.3V),one48MHz,
and one selectable 48/24MHz.
Ground Groups
GND = Ground Source Core
GND1=REF0,X1,X2
GND2=PCICLK_F,PCICLK(0:5)
GND3=48MHz
GNDL=CPUCLK(0:1)
Power Groups
VDD = Supply for PLL core
VDD1=REF0,X1,X2
VDD2=PCICLK_F,PCICLK(0:5)
VDD3=48MHz
VDDL=CPUCLK(0:1)
VDDL1=IOAPIC
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9148-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
Pentium/ProTM System Clock Chip
Rev E 4/20/99
More results

Similar Description - ICS9148-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
Pentium/ProTM System Clock Chip
Rev C 1/26/99
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
Pentium/ProTM System Clock Chip
Rev E 4/20/99
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com