Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-93 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9148-93
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-93 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9148-93 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-93 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ICS9148- 93
Advance Information
Byte0: Functionality and Frequency Select Register
(default = 0)
Serial Configuration Command Bitmap
General I
2C serial interface information
The information in this section assumes familiarity with I2C programming. For more information, contact ICS for an I2C
programming application note.
How to Write:
• Send the address D2(H) .
• Send two additional dummy bytes, a command code
and byte count.
• Send the desired number of data bytes.
See the diagram below:
Note that the acknowledge bit is sent by the clock chip, and pulls the data line low. There is no minimum of data bytes that must
be sent.
How to Read:
• Send the address D3(H).
• Send the byte count in binary coded decimal
• Read back the desired number of data bytes
See the diagram below:
The following specifications should be observed:
1.
Operating voltage for I2C pins is 3.3V
2.
Maximum data transfer rate (SCLK) is 100K bits/sec.
r
o
t
a
r
e
n
e
G
k
c
o
l
C
)
s
t
i
b
7
(
s
s
e
r
d
d
A
K
C
A
s
t
i
b
8
+
y
m
m
u
d
e
d
o
c
d
n
a
m
m
o
c
K
C
A
s
t
i
b
8
+
e
t
y
B
y
m
m
u
d
t
n
u
o
c
K
C
A
e
t
y
B
a
t
a
D
1
K
C
A
e
t
y
B
a
t
a
D
N
K
C
A
#
W
/
R
&
)
0
:
6
(
A
2
D)
H
(
r
o
t
a
r
e
n
e
G
k
c
o
l
C
)
s
t
i
b
7
(
s
s
e
r
d
d
A
K
C
A
e
t
y
B
t
n
u
o
C
K
C
A
e
t
y
B
a
t
a
D
1
K
C
A
e
t
y
B
a
t
a
D
N
#
W
/
R
&
)
0
:
6
(
A
3
D)
H
(
I2C is a trademark of Philips Corporation
Note 1. Default at Power-up will be for latched logic inputs,
as defined by Bit 3.
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
7
t
i
B
n
o
i
t
a
l
u
d
o
M
m
u
r
t
c
e
p
S
d
a
e
r
p
S
%
5
2
.
0
±
-
0
n
o
i
t
a
l
u
d
o
M
m
u
r
t
c
e
p
S
d
a
e
r
p
S
%
6
.
0
±
-
1
0
t
i
B
4
:
6
)
4
:
6
(
t
i
BU
P
C
M
A
R
D
S
)
z
H
M
(
I
C
P
)
z
H
M
(
P
G
A
)
z
H
M
(
X
X
X
1
e
t
o
N
0
0
00
0
.
0
90
0
.
0
30
0
.
0
6
1
0
02
8
.
6
61
4
.
3
32
8
.
6
6
0
1
09
4
.
8
65
2
.
4
39
4
.
8
6
1
1
00
0
.
5
70
5
.
7
30
0
.
5
7
0
0
10
0
.
5
70
0
.
0
30
0
.
0
6
1
0
11
3
.
3
82
3
.
3
34
6
.
6
6
0
1
15
2
.
5
95
7
.
1
30
5
.
3
6
1
1
10
0
.
0
0
13
3
.
3
36
6
.
6
6
3
t
i
B
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
y
l
n
o
s
n
i
p
)
2
:
0
(
S
F
I
y
b
s
e
i
c
n
e
u
q
e
r
f
t
c
e
l
e
S
-
1
2C
0
d
a
e
r
p
S
r
e
t
n
e
C
-
0
d
a
e
r
p
S
n
w
o
D
-
1
0
1
t
i
B
n
o
i
t
a
r
e
p
o
l
a
m
r
o
N
-
0
d
e
l
b
a
n
E
m
u
r
t
c
e
p
S
d
a
e
r
p
S
-
1
0
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
-
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com