Electronic Components Datasheet Search
  English  ▼

X  

ICS9150-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9150-01
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9150-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ICS9150-01
Serial Configuration Command Bitmaps
Byte 0: Functional and Frequency Select Clock Register (default = 0)
T
I
B#
N
I
PN
O
I
T
P
I
R
C
S
E
DD
W
P
7
ti
B-
d
e
v
r
e
s
e
R0
6
ti
B-
n
o
it
a
r
e
p
o
l
a
m
r
o
n
r
o
f
0
e
b
t
s
u
M0
5
ti
B
-n
o
it
a
r
e
p
o
l
a
m
r
o
n
r
o
f
0
e
b
t
s
u
M
0
-
e
p
y
t
s
l
o
r
t
n
o
C
,
m
u
r
t
c
e
p
S
d
a
e
r
p
S
n
I
)
d
a
e
r
p
s
n
w
o
d
=
1
,
d
e
r
e
t
n
e
c
=
0
(
4
ti
B
-n
o
it
a
r
e
p
o
l
a
m
r
o
n
r
o
f
0
e
b
t
s
u
M
0
-
s
l
o
r
t
n
o
C
s
l
o
r
t
n
o
C
,
m
u
r
t
c
e
p
S
d
a
e
r
p
S
n
I
%
g
n
i
d
a
e
r
p
S
)
%
6
.
0
=
1
,
%
8
.
1
=
0
(
3
ti
B-
d
e
v
r
e
s
e
R0
2
ti
B-
d
e
v
r
e
s
e
R0
1
ti
B
0
ti
B
-
1
ti
B
1
1
0
0
0
ti
B
e
t
a
t
S
-
i
r
T
-
1
e
l
b
a
n
E
m
u
r
t
c
e
p
S
d
a
e
r
p
S
-
0
e
d
o
m
t
s
e
T
-
1
n
o
i
t
a
r
e
p
o
l
a
m
r
o
N
-
0
0
0
General I
2C serial interface information
A.
For the clock generator to be addressed by an I2C controller, the following address must be sent as a start sequence, with
an acknowledge bit between each byte.
B.
The clock generator is a slave/receiver I2C component. It can "read back "(in Philips I2C protocol) the data stored in the
latches for verification. (set R/W# to 1 above). There is no BYTE count supported, so it does not meet the Intel SMB
PIIX4 protocol.
C.
The data transfer rate supported by this clock generator is 100K bits/sec (standard mode)
D.
The input is operating at 3.3V logic levels.
E.
The data byte format is 8 bit bytes.
F.
To simplify the clock generator I2C interface, the protocol is set to use only block writes from the controller. The bytes
must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has
been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two
bytes. The data is loaded until a Stop sequence is issued.
G.
In the power down mode (PWR_DWN# Low), the SDATA and SCLK pins are tristated and the internal data latches
maintain all prior programming information.
H.
At power-on, all registers are set to a default condition. See Byte 0 detail for default condition, Bytes 1 through 5 default
to a 1 (Enabled output state)
Then Byte 0, 1, 2, etc in
sequence until STOP.
Byte 0, 1, 2, etc in sequence until STOP.
r
o
t
a
r
e
n
e
G
k
c
o
l
C
)
s
ti
b
7
(
s
s
e
r
d
d
A
K
C
A
y
m
m
u
d
s
ti
b
8
+
e
d
o
c
d
n
a
m
m
o
c
K
C
A
y
m
m
u
d
s
ti
b
8
+
t
n
u
o
c
e
t
y
B
K
C
A
#
W
/
R
&
)
0
:
6
(
A
2
D)
H
(
r
o
t
a
r
e
n
e
G
k
c
o
l
C
)
s
ti
b
7
(
s
s
e
r
d
d
A
K
C
A0
e
t
y
BK
C
A1
e
t
y
BK
C
A
#
W
/
R
&
)
0
:
6
(
A
3
D)
H
(
Note: PWD = Power-Up Default
I2C is a trademark of Philips Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com