Electronic Components Datasheet Search
  English  ▼

X  

ICS9150-01 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9150-01
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150-01 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9150-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 13Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ICS9150- 01
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
T
A = 0 - 70C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
I
IH
V
IN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
Operating
I
DD3.3OP
C
L = 0 pF; Select @ 66M
75
95
mA
Supply Current
Outputs Disabled
IDD3.3OE
CL = 0 pF; With input address to Vdd or GND
18
25
mA
Supply Current
Input Capacitance1
CIN
Logic Inputs
5
pF
C
INX
X1 & X2 pins
27
36
45
pF
Transition Time1
T
trans
To 1st crossing of target Freq.
3
ms
Settling Time1
T
s
From 1st crossing to 1% target Freq.
5
ms
Clk Stabilization1
T
STAB
From V
DD = 3.3 V to 1% target Freq.
5
3
ms
T
CPU-SDRAM2 VT = 1.5 V
200
500
ps
Skew1
T
CPU-PCI2
V
T = 1.5 V
1
2
4
ns
T
REF-IOAPIC
V
T = 1.5 V
900
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com