Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-66 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-66
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-66 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-66 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9248-66
Advance Information
Pin Descriptions
Power Groups:
VDDREF,GNDREF=REF,X1,X2
GNDPCI,VDDPCI=PCICLK
VDD66,GND66=3V66
VDD48,GND48=48MHz
VDDCOR,GNDCOR=PLLCore
VDDLCPU/2,GNDLCPU/2=CPU/2
VDDLIOAPIC,GNDIOAPIC=IOAPIC
The ICS9248-66 is a main clock synthesizer chip for Pentium
II based systems using Rambus Interface DRAMs. This chip
provides all the clocks required for such a system when used
with a Direct Rambus Clock Generator(DRCG) chip such as
theICS9211-01.
Spread Spectrum may be enabled by driving the SPREAD#
pin active. Spread spectrum typically reduces system EMI
by 8dB to 10dB. This simplifies EMI qualification without
resorting to board design iterations or costly shielding. The
ICS9248-66 employs a proprietary closed loop design, which
tightly controls the percentage of spreading over process
and temperature variations.
The CPU/2 clocks are inputs to the DRCG.
General Description
Pin number
Pin name
Type
Description
1, 7, 13, 19, 23, 26,
35
GND
PWR
Ground pins
2, 3
REF(0:1)
OUT
14.318MHz reference clock outputs at 3.3V
4, 10, 16, 22, 28, 36
VDD
PWR
Power pins 3.3V
5
X1
IN
XTAL_IN 14.318MHz crystal input
6
X2
OUT
XTAL_OUT Crystal output
8
PCICLK_F
OUT
Free running PCI clock at 3.3V. Synchronous to CPU clocks. Not affected by the
PCI_STOP# input.
9, 11, 12, 14,
15, 17, 18
PCICLK[1:7]
OUT
PCI clock outputs at 3.3V. Synchronous to CPU clocks.
20, 21, 24
3V66[0:2]
OUT
66MHz outputs at 3.3V. These outputs are stopped when CPU_STOP# is driven active..
25
SEL 133/100#
IN
This selects the frequency for the CPU and CPU/2 outputs. High = 133MHz,
Low=100MHz
27
48MHz
OUT
Fixed 48MHz clock output. 3.3V
29, 30
SEL[0:1]
IN
Function select pins. See truth table for details.
31
SPREAD#
IN
Enables spread spectrum when active(Low). modulates all the CPU, PCI, IOAPIC, 3V66
and CPU/2 clocks. Does not affect the REF and 48MHz clocks. 0.5% down spread
modulation.
32
PD#
IN
This asynchronous input powers down the chip when drive active(Low). The internal PLLs
are disabled and all the output clocks are held at a Low state.
33
CPU_STOP#
IN
This asychronous input halts the CPUCLK[0:3] and the 3V66[0:3] clocks at logic "0"
when driven active(Low). Does not affect the CPU/2 clocks.
34
PCI_STOP#
IN
This asynchronous input halts the PCICLK[1:7] at logic"0" when driven active(Low).
PCICLK_F is not affected by this input.
40
GNDLCPU
PWR
Ground pin for the CPUCLKs
37, 38, 41
CPUCLK[0:3]
OUT
Host bus clock output at 2.5V. 133MHz or 100MHz depending on the state of the SEL
133/100MHz.
39, 42
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
43
GNDLCPU/2
PWR
Ground pin for the CPU/2 clocks.
44
CPU/2
OUT
2.5V clock outputs at 1/2 CPU frequency. 66MHz or50MHz depending on the state of the
SEL 133/100# input pin.
45
VDDLCPU/2
PWR
Power pin for the CPU/2 clocks. 2.5V
46
GNDLIOAPIC
PWR
Ground pin for the IOAPIC outputs.
47
IOAPIC
OUT
IOAPIC clocks at 2.5V. Synchronous with CPUCLKs but fixed at 16.67MHz.
48
VDDLIOAPIC
PWR
Power pin for the IOAPIC outputs. 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com