Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-66 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9248-66
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-66 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9248-66 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-66 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ICS9248-66
Advance Information
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +5%, VDDL=2.5 V+ 5%(unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2
VDD+0.
3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
µA
Operating Supply
Current
IDD3.3OP
CL = 0 pF; Select
mA
Power Down Supply
Current
IDD3.3PD
CL = 0 pF; With input address to Vdd or GND
µA
Input frequency
Fi
VDD = 3.3 V;
14.318
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
Cout
Out put pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
3
mS
Settling Time
1
Ts
From 1st crossing to 1% target Freq.
mS
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3
mS
tPZH,tPZH
output enable delay (all outputs)
1
10
nS
tPLZ,tPZH
output disable delay (all outputs)
1
10
nS
1Guarenteed by design, not 100% tested in production.
Input Capacitance
1
Delay
Group Offset
Group
Offset
Measurement L oads
Measure Points
CPU to 3V66
0.0-1.5ns CPU leads
C PU @ 20pF, 3V66 @ 30pF
CPU @1.25V, 3V66 @ 1.5V
3V66 to PCI
1.5-4.0ns 3V66 leads
3V66 @ 30pF, PCI @ 30pF
3V66 @ 1.5V, PC I @ 1.5V
CPU to IOAPIC
1.5-4.0ns CPU leads
CPU @ 20pF, IOAPIC @ 20pF
CPU @1.25V, IOAPIC @ 1.5V
No te: 1. All offsets are to be meas ured at rising edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com