Electronic Components Datasheet Search
  English  ▼

X  

AD8598 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8598
Description  Dual 7 ns Single Supply Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8598 Datasheet(HTML) 1 Page - Analog Devices

  AD8598 Datasheet HTML 1Page - Analog Devices AD8598 Datasheet HTML 2Page - Analog Devices AD8598 Datasheet HTML 3Page - Analog Devices AD8598 Datasheet HTML 4Page - Analog Devices AD8598 Datasheet HTML 5Page - Analog Devices AD8598 Datasheet HTML 6Page - Analog Devices AD8598 Datasheet HTML 7Page - Analog Devices AD8598 Datasheet HTML 8Page - Analog Devices AD8598 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8598
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Dual 7 ns
Single Supply Comparator
PIN CONFIGURATIONS
FEATURES
7 ns Propagation Delay
Single Supply Operation: +3 V to +10 V
Low Power
Symmetrical Layout
Latch Function
TSSOP Packages
APPLICATIONS
Clock Recovery and Clock Distribution
High Speed Data
Line Receivers
Phase Detectors
Digital Communications
I and Q Detection
High Speed Sampling
Upgrade for MAX912
Satellite Receivers
PCMCIA Cards
Wireless Data Links
Battery Operated Instrumentation
GENERAL DESCRIPTION
The AD8598 is a dual 7 ns comparator with digital latches.
Separate supplies enable the input stage to be operated from
+5 V to as high as
±5 V.
Ultrafast 7 ns propagation delay makes the AD8598 a good
choice for timing circuits and line receivers. Propagation delays
for rising and falling signals are closely matched and track over
temperature. This matched delay makes the AD8598 a good
choice for clock recovery, since the duty cycle of the output will
match the duty cycle of the input.
The AD8598 has the same pinout as the DIP version of the
AD9698. For a single comparator like the AD8598, please refer
to the AD8561 data sheet.
The AD8598 is specified over the industrial (–40
°C to +85°C)
temperature range. The AD8598 is available in both the 16-lead
plastic DIP, 16-lead TSSOP or narrow R-16A surface mount
packages.
N-16, RU-16 and R-16A
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
QA
QA
GND
LEA
NC
V–
IN A–
IN A+
QB
QB
GND
LEB
NC
V+
IN B–
IN B+
AD8598
OBSOLETE


Similar Part No. - AD8598

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8598AN AD-AD8598AN Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8598AR AD-AD8598AR Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8598ARU AD-AD8598ARU Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
More results

Similar Description - AD8598

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2903 NJRC-NJM2903 Datasheet
240Kb / 5P
SINGLE-SUPPLY DUAL COMPARATOR
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
Ultrafast 7 ns Single Supply Comparator
REV.0
AD8564 AD-AD8564 Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
Quad 7 ns Single Supply Comparator
REV. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
Quad 7 ns Single Supply Comparator
Rev. B
logo
New Japan Radio
NJM2903C NJRC-NJM2903C Datasheet
1Mb / 8P
SINGLE-SUPPLY DUAL COMPARATOR
Ver.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com