Electronic Components Datasheet Search
  English  ▼

X  

AD8598 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8598
Description  Dual 7 ns Single Supply Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8598 Datasheet(HTML) 2 Page - Analog Devices

  AD8598 Datasheet HTML 1Page - Analog Devices AD8598 Datasheet HTML 2Page - Analog Devices AD8598 Datasheet HTML 3Page - Analog Devices AD8598 Datasheet HTML 4Page - Analog Devices AD8598 Datasheet HTML 5Page - Analog Devices AD8598 Datasheet HTML 6Page - Analog Devices AD8598 Datasheet HTML 7Page - Analog Devices AD8598 Datasheet HTML 8Page - Analog Devices AD8598 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. A
AD8598–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
2.3
7
mV
–40
°C ≤ T
A
≤ +85°C8
mV
Offset Voltage Drift
∆V
OS/
∆T4
µV/°C
Input Bias Current
IB
VCM = 0 V
–6
–3
µA
IB
–40
°C ≤ T
A
≤ +85°C
–7
–3.5
µA
Input Offset Current
IOS
VCM = 0 V
±4
µA
Input Common-Mode Voltage Range
VCM
0.0
+3.0
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ V
CM
≤ +3.0 V
65
85
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω
+3,000
V/V
Input Capacitance
CIN
3.0
pF
LATCH ENABLE INPUT
Logic “1” Voltage Threshold
VIH
+2.0
+1.65
V
Logic “0” Voltage Threshold
VIL
+1.60
+0.8
V
Logic “1” Current
IIH
VLH = +3.0 V
–1.0
–0.3
µA
Logic “0” Current
IIL
VLL = +0.3 V
–4
–2
µA
Latch Enable
Pulsewidth
tPW(E)
6ns
Setup Time
tS
1ns
Hold Time
tH
1.2
ns
DIGITAL OUTPUTS
Logic “1” Voltage
VOH
IOH = –50 µA, ∆VIN > 250 mV
+3.5
V
Logic “1” Voltage
VOH
IOH = –3.2 mA, ∆VIN > 250 mV
+2.4
+3.5
V
Logic “0” Voltage
VOL
IOL = 3.2 mA, ∆VIN > 250 mV
+0.25
+0.4
V
DYNAMIC PERFORMANCE
Propagation Delay
tP
200 mV Step with 100 mV Overdrive
6.75
9.8
ns
–40
°C ≤ T
A
≤ +85°C8
13
ns
Propagation Delay
tP
100 mV Step with 5 mV Overdrive
8
ns
Differential Propagation Delay
(Rising Propagation Delay vs.
Falling Propagation Delay)
∆t
P
100 mV Step with 100 mV Overdrive
1
0.5
2.0
ns
Rise Time
20% to 80%
3.8
ns
Fall Time
80% to 20%
1.5
ns
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
+4.5 V
≤ V+ ≤ +5.5 V
50
65
dB
Positive Supply Current (V+ Pin)
I+
9.0
12.0
mA
–40
°C ≤ T
A
≤ +85°C15.0
mA
Ground Supply Current (GND Pins)
IGND
VO = 0 V, RL =
∞
4.4
6.6
mA
–40
°C ≤ T
A
≤ +85°C
7.6
mA
Analog Supply Current (V– Pin)
I–
4.6
9.0
mA
–40
°C ≤ T
A
≤ +85°C11.0
mA
NOTES
1Guaranteed by design.
Specifications subject to change without notice.
(@ V+ = +5.0 V, V– = VGND = 0 V, TA = +25 C unless otherwise noted)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com