Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-80 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9248-80
Description  General Purpose 133MHz System Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-80 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9248-80 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS9248- 80
Byte 0: Functionality and frequency select register (Default=0)
(1 = Running, 0 = Stopped Low)
Notes:
1. Default is for frequency control thru hardware pins.
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
7
t
i
B
d
a
e
r
p
s
n
w
o
d
%
5
.
0
-
o
t
0
:
0
0
d
a
e
r
p
s
n
w
o
d
%
0
.
1
-
o
t
0
:
1
)
4
:
6
,
2
(
t
i
B
s
t
i
B
y
c
n
e
u
q
e
r
f
K
L
C
1
e
t
o
N
26
5
4
00
0
0
4
3
.
3
3
1
00
0
1
1
0
.
5
2
1
00
1
0
0
0
.
0
2
1
00
1
1
9
9
.
4
1
1
01
0
0
9
9
.
9
0
1
01
0
1
0
0
.
5
0
1
01
1
0
0
0
.
0
0
1
01
1
1
0
0
.
5
9
10
0
0
0
0
.
1
9
10
0
1
1
0
.
5
8
10
1
0
0
0
.
5
7
10
1
1
0
0
.
0
7
11
0
0
7
6
.
6
6
11
0
1
0
0
.
0
6
11
1
0
9
9
.
4
5
11
1
1
3
3
.
3
3
3
t
i
B
)
3
:
0
(
S
F
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
:
0
I
f
o
4
:
6
,
2
s
t
i
b
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
f
:
1
2C
0
1
t
i
B
l
a
m
r
o
N
:
0
d
a
e
r
p
S
:
1
0
0
t
i
B
g
n
i
n
n
u
r
s
t
u
p
t
u
O
:
0
d
e
t
a
t
s
-
i
r
t
s
t
u
p
t
u
O
:
1
0
Byte 1: CLK output control register
(1 = Running, 0 = Stopped Low)
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B6
11
7
K
L
C
6
t
i
B7
11
6
K
L
C
5
t
i
B9
11
5
K
L
C
4
t
i
B0
21
4
K
L
C
3
t
i
B2
21
3
K
L
C
2
t
i
B3
21
2
K
L
C
1
t
i
B5
21
1
K
L
C
0
t
i
B6
21
0
K
L
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com