Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-80 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9248-80
Description  General Purpose 133MHz System Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-80 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9248-80 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-80 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9248-80
Absolute Maximum Ratings
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 4.6V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . –20°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = -20°C - +70º C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
Operating Supply Current
IDD2.5OP
CL = 0 pF; Select @ 66 MHz
50
100
mA
Input frequency
Fi
VDD = 3.3 V;
14.318
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
6
pF
Transition Time
1
TTrans
To first crossing of target Freq.
1.3
2
ms
Settling Time
1
TS
From first crossing to 1% of target Freq.
0.3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
< 3
3
ms
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com