Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-90 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-90
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-90 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-90 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ICS9248- 90
Functionality
VDD = 3.3V±5%, VDDL = 2.5V±5% TA=0 to 70°C
Crystal (X1, X2) = 14.31818MHz
Mode Pin - Power Management Input Control
7
n
i
P
,
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
2
n
i
P
0
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
1
0
F
E
R
)
t
u
p
t
u
O
(
4
S
F3
S
F2
S
F1
S
F0
S
Fz
H
M
U
P
Cz
H
M
I
C
P
00000
2
8
.
6
60
4
.
3
3
0000
1
1
0
.
8
60
0
.
4
3
000
1
0
9
9
.
1
79
9
.
5
3
000
1
1
0
0
.
5
79
4
.
7
3
00
1
0
0
0
0
.
8
79
9
.
8
3
00
1
0
1
0
0
.
0
89
9
.
9
3
00
11
0
0
0
.
2
80
0
.
1
4
00
111
0
0
.
3
80
5
.
1
4
0
1
000
0
0
.
4
89
9
.
1
4
01
0
0
1
1
0
.
5
80
5
.
2
4
01
01
0
1
9
.
5
85
9
.
2
4
01
01
1
9
9
.
6
89
4
.
3
4
01
1
0
0
0
0
.
8
89
9
.
3
4
01
1
0
1
1
0
.
9
80
5
.
4
4
0
111
0
0
0
.
0
99
9
.
4
4
0
1111
9
9
.
0
99
4
.
5
4
1
0000
9
9
.
1
96
6
.
0
3
1
000
1
7
0
.
3
92
0
.
1
3
10
0
1
0
0
0
.
4
93
3
.
1
3
10
0
1
1
0
0
.
5
96
6
.
1
3
10
10
0
0
0
.
6
99
9
.
1
3
10
10
1
1
0
.
7
93
3
.
2
3
10
1
1
0
1
0
.
8
97
6
.
2
3
1
0
111
9
9
.
8
99
9
.
2
3
11
000
3
2
.
0
0
11
4
.
3
3
11
00
1
2
0
.
2
0
11
0
.
4
3
11
0
1
0
0
0
.
4
0
16
6
.
4
3
11
0
1
1
0
0
.
6
0
13
3
.
5
3
111
0
0
1
0
.
8
0
10
0
.
6
3
111
0
1
9
9
.
9
0
16
6
.
6
3
1111
0
0
0
.
4
2
19
9
.
0
3
11111
9
9
.
2
3
15
2
.
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com