Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-90 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-90
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-90 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-90 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-90 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248-90
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
9248-90 Rev C 4/19/00
Pin Configuration
•
3.3V outputs: SDRAM, PCI, REF, 48/24MHz
•
2.5V outputs: CPU, IOAPIC
•
20 ohm CPU clock output impedance
•
20 ohm PCI clock output impedance
•
Skew from CPU (earlier) to PCI clock - 1.5 to 4 ns,
center 2.6 ns.
•
No external load cap for CL=18pF crystals
•
±175 ps CPU clock skew
•
250ps (cycle to cycle) CPU jitter
•
Smooth frequency switch, with selections from 66.8
to 133 MHz CPU.
•I
2C interface for programming
•
3ms power up clock stable time
•
Clock duty cycle 45-55%.
•
48 pin 300 mil SSOP package
•
3.3V operation, 5V tolerant inputs (with series R)
•
<5ns propagation delay SDRAM from Buffer Input
48-Pin SSOP
Power Groups
VDDREF = REF (0:1), X1, X2
VDDPCI = PCICLK_F, PCICLK(0:4)
VDDSDR = SDRAM (0:12), supply for PLL core
VDD48 = 24MHz, 48MHz
VDDLIOAPIC = IOAPIC
VDDLCPU = CPUCLK 1, CPUCLK_F
* Internal Pull-up Resistor of 240K to VDD
** Internal Pull-down resistor of 240K to GND
The ICS9248-90 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel
PentiumPro or Cyrix. Eight different reference frequency
multiplying factors are externally selectable with smooth
frequency transitions.
Features include two CPU, six PCI and thirteen SDRAM
clocks. Two reference outputs are available equal to the crystal
frequency. Plus the IOAPIC output powered by VDDL1. One
48 MHz for USB, and one 24 MHz clock for Super IO. Spread
Spectrum built in at ±0.25% modulation to reduce the EMI.
Serial programming I
2C interface allows changing functions,
stop clock programing and Frequency selection. Additionally,
the device meets the Pentium power-up stabilization, which
requires that CPU and PCI clocks be stable within 2ms after
power-up. It is not recommended to use I/O dual function pin
for the slots (ISA, PIC, CPU, DIMM). The add on card might
have a pull up or pull down.
High drive PCICLK and SDRAM outputs typically provide
greater than 1 V/ns slew rate into 30pF loads. CPUCLK outputs
typically provide better than 1V/ns slew rate into 20pF loads
while maintaining 50 ±5% duty cycle. The REF and 24 and
48 MHz clock outputs typically provide better than 0.5V/ns
slew rates into 20pF.
CPU_STOP#
PCI_STOP#
PLL2
PLL1
Spread
Spectrum
48MHz
24MHz
IOAPIC
CPUCLK_F
CPUCLK 1
SDRAM (0:11)
PCICLK (0:4)
PCICLKF
SDRAM_F
X1
X2
BUFFER IN
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
STOP
STOP
STOP
SDATA
SCLK
FS(0:3)
MODE
Control
Logic
Config.
Reg.
/2
REF(0:1)
LATCH
POR
2
12
5
4
4
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-90

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-92 ICST-ICS9248-92 Datasheet
341Kb / 14P
Mobile Pentium IITM System Clock Chip
Rev E 02/21/01
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
More results

Similar Description - ICS9248-90

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com