Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-92 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-92
Description  Mobile Pentium IITM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-92 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-92 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9248-92
Power-On Conditions
Example:
a) if MODE = 1, pins 26 and 27 are configured as SDRAM7 and SDRAM6 respectively.
b) if MODE = 0, pins 26 and 27 are configured as PCI_STOP# and CPU_STOP# respectively.
Power-On Default Conditions
At power-up and before device programming, all clocks will default to an enabled and “on” condition. The frequencies that are then produced
are on the MODE pin as shown in the table below.
K
C
O
L
C
P
U
-
R
E
W
O
P
T
A
N
O
I
T
I
D
N
O
C
T
L
U
A
F
E
D
)
2
:
0
(
F
E
R
z
H
M
8
1
8
1
3
.
4
1
z
H
M
4
2
/
8
4z
H
M
8
4
L
E
S
#
6
.
6
6
/
0
0
1
E
D
O
M#
N
I
PN
O
I
T
P
I
R
C
S
E
DN
O
I
T
C
N
U
F
11
2
4
,
1
4s
K
L
C
U
P
Ce
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
0
0
1
,
2
1
,
3
1
,
4
1
,
6
1
8
,
9
,
1
1
s
K
L
C
I
C
Pe
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
3
.
3
3
01
2
4
,
1
4s
K
L
C
U
P
Ce
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
6
.
6
6
,
2
1
,
3
1
,
4
1
,
6
1
8
,
9
,
1
1
s
K
L
C
I
C
Pe
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
3
.
3
3
10
6
2#
P
O
T
S
_
I
C
P
s
k
c
o
l
C
]
5
:
0
[
I
C
P
,
t
n
e
m
e
g
a
n
a
M
r
e
w
o
P
w
o
l
n
e
h
w
d
e
p
p
o
t
S
7
2#
P
O
T
S
_
U
P
C
s
k
c
o
l
C
]
5
:
0
[
U
P
C
,
t
n
e
m
e
g
a
n
a
M
r
e
w
o
P
w
o
l
n
e
h
w
d
e
p
p
o
t
S
8F
_
K
L
C
I
C
Pg
n
i
n
n
u
r
e
e
r
F
k
c
o
l
C
I
C
P
-
z
H
M
3
.
3
3
2
4
,
1
4s
K
L
C
U
P
C
l
a
i
r
e
s
d
n
a
l
o
r
t
n
o
C
p
o
t
S
l
a
n
r
e
t
x
e
/
w
s
k
c
o
l
C
U
P
C
-
z
H
M
0
0
1
.
e
l
b
a
s
i
d
/
e
l
b
a
n
e
l
a
u
d
i
v
i
d
n
i
g
i
f
n
o
c
,
2
1
,
3
1
,
4
1
,
6
1
9
,
1
1
s
K
L
C
I
C
P
l
a
i
r
e
s
d
n
a
l
o
r
t
n
o
c
p
o
t
S
l
a
n
r
e
t
x
e
/
w
s
k
c
o
l
C
I
C
P
-
z
H
M
3
.
3
3
.
e
l
b
a
s
i
d
/
e
l
b
a
n
e
l
a
u
d
i
v
i
d
n
i
g
i
f
n
o
c
00
6
2#
P
O
T
S
_
I
C
P
s
k
c
o
l
C
]
5
:
0
[
I
C
P
,
t
n
e
m
e
g
a
n
a
M
r
e
w
o
P
w
o
l
n
e
h
w
d
e
p
p
o
t
S
7
2#
P
O
T
S
_
U
P
C
s
k
c
o
l
C
]
5
:
0
[
U
P
C
,
t
n
e
m
e
g
a
n
a
M
r
e
w
o
P
w
o
l
n
e
h
w
d
e
p
p
o
t
S
8F
_
K
L
C
I
C
Pt
n
e
m
e
g
a
n
a
M
r
e
w
o
P
r
o
f
g
n
i
n
n
u
r
e
e
r
F
k
c
o
l
C
I
C
P
-
z
H
M
3
.
3
3
2
4
,
1
4s
K
L
C
U
P
C
l
a
i
r
e
s
d
n
a
l
o
r
t
n
o
c
p
o
t
S
l
a
n
r
e
t
x
e
/
w
s
k
c
o
l
C
U
P
C
-
z
H
M
6
.
6
6
.
e
l
b
a
s
i
d
/
e
l
b
a
n
e
l
a
u
d
i
v
i
d
n
i
g
i
f
n
o
c
,
2
1
,
3
1
,
4
1
,
6
1
9
,
1
1
s
K
L
C
I
C
P
l
a
i
r
e
s
d
n
a
l
o
r
t
n
o
c
p
o
t
S
l
a
n
r
e
t
x
e
/
w
s
k
c
o
l
C
I
C
P
-
z
H
M
3
.
3
3
.
e
l
b
a
s
i
d
/
e
l
b
a
n
e
l
a
u
d
i
v
i
d
n
i
g
i
f
n
o
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com