Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-92 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-92
Description  Mobile Pentium IITM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-92 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-92 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
Features
ICS9248-92
Block Diagram
Mobile Pentium II
TM
System Clock Chip
9248-92 Rev E 02/21/01
Pentium is a trademark on Intel Corporation.
•
Generates system clocks for CPU, SDRAM, PCI, plus
14.318 MHz REF(0:2), USB, Plus Super I/O
•I2C serial configuration interface provides output clock
disabling and other functions
•
MODE input pin selects optional power management
input control pins
•
Two fixed outputs separately selectable as 24 or 48MHz
•
2.5V outputs: CPU
•
3.3V outputs: SDRAM, PCI, REF, 48/24 MHz
•
No power supply sequence requirements
•
Uses external 14.318MHz crystal
•
48 pin 240 mil TSSOP package
•
Output enable register
for serial port control:
1 = enable
0 = disable
General Description:
Features include two strong CPU, seven PCI and eight SDRAM
clocks. Three reference outputs are available equal to the
crystal frequency. Stronger drive CPUCLK outputs typically
provide greater than 1 V/ns slew rate into 20pF loads. This
device meets rise and fall requirements with 2 loads per CPU
output (ie, one clock to CPU and NB chipset, one clock to two
L2 cache inputs).
PWR_DWN# pin allows low power mode by stopping crystal
OSC and PLL stages. For optional power management,
CPU_STOP# can stop CPU (0:1) clocks and PCI_STOP# will
stop PCICLK (0:5) clocks
PCICLK outputs typically provide better than 1V/ns slew rate
into 30pF loads while maintaining 50±5% duty cycle. The REF
clock outputs typically provide better than 0.5V/ns slew rates.
The ICS9248-92 accepts a 14.318MHz reference crystal or
clock as its input and runs on a 3.3V core supply.
Functionality
Crystal (X1, X2) = 14.31818 MHz
Pin Configuration
48-Pin TSSOP 240 mil Package
L
E
S
#
6
6
/
0
0
1
K
L
C
U
P
C
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
06
.
6
63
.
3
3
10
0
13
.
3
3
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
RecommendedApplication:
The ICS9248-92 is a fully compliant timing solution for the
Intel mobile 440BX/MX chipset requirements.


Similar Part No. - ICS9248-92

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-90 ICST-ICS9248-90 Datasheet
281Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 4/19/00
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
More results

Similar Description - ICS9248-92

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
Pentium/Pro/IITM System Clock Chip
Rev B 12/04/98
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
Pentium/Pro/IITM System Clock Chip
12/04/98
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com