Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-98 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9248-98
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-98 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9248-98 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 14Page - Integrated Circuit Systems ICS9248-98 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
ICS9248-98
Third party brands and names are the property of their respective owners.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = 3.3V +/-5%, VDDL = 2.5V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH3
IOH = -28 mA
2.4
3
V
Output Low Voltage
VOL3
IOL = 20 mA
0.18
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-110
-40
mA
Output Low Current
IOL3
VOL = 0.8 V
41
86
mA
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
1.13
2
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
1.11
2
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
53.1
55
%
Skew window
1
tsk3
VT = 1.5 V
215
250
ps
1Guaranteed by design, not 100% tested in production.
5
Propagation Time
1 (Buffer
In to Output)
Tprop
ns
VT = 1.5 V
3.26
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDD=3.3V +/- 5%, VDDL=2.5V +/- 5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH4B
IOH = -8 mA
2
2.4
V
Output Low Voltage
VOL4B
IOL = 12 mA
0.17
0.4
V
Output High Current
IOH4B
VOH = 1.7 V
-58
-16
mA
Output Low Current
IOL4B
VOL = 0.7 V
19
46
mA
Rise Time
1
tr4B
VOL = 0.4 V, VOH = 2.0 V
1.14
2
ns
Fall Time
1
tf4B
VOH = 2.0 V, VOL = 0.4 V
1.07
2
ns
Duty Cycle
1
dt4B
VT = 1.25 V
45
52.7
55
%
Jitter, Absolute
1
tjabs4B
VT = 1.25 V
-1
0.27
1
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com