Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-99 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-99
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-99 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-99 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS9248-99
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
General Description
Pin Configuration
The ICS9248-99 is the single chip clock solution for Desktop
designs using 810/810/E style chipset. It provides all necessary
clock signals for such a system.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-99
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I2C interface allows changing functions,
stop clock programming and frequency selection.
Power Groups
GNDREF, VDDREF = REF1, X1, X2
GNDPCI , VDDPCI = PCICLK [7:0]
GNDSDR, VDDSDR = SDRAM [8:0]
GNDCOR, VDDCOR = supply for PLL core
GND3V66,VDD3V66=3V66
VDD48 = 48MHz, 24_48MHz,
VDDLAPIC = IOAPIC
GNDLCPU , VDDLCPU = CPUCLK [1:0]
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
REF1
OUT
14.318 MHz reference clock.
FS3
IN
Frequency select pin.
2, 6, 16, 24, 27, 34,
42
VDD
PWR
3.3V Power supply for SDRAM output buffers, PCI output buffers,
reference output buffers and 48MHz output
3
X1
IN
Crystal input,nominally 14.318MHz.
4
X2
OUT
Crystal output, nominally 14.318MHz.
5, 9, 13, 20, 26, 30,
38
GND
PWR
Ground pin for 3V outputs.
8, 7
3V66 [1:0]
OUT
3.3V clock outputs
FS0
IN
Frequency select pin.
PCICLK0
OUT
PCI clock output.
FS1
IN
Frequency select pin.
PCICLK1
OUT
PCI clock output.
FS2
IN
Frequency select pin.
PCICLK2
OUT
PCI clock output.
19, 18, 17, 15, 14
PCICLK [7:3]
OUT
PCI clock outputs.
21, 22
48MHz
OUT
48MHz output clocks
SEL24_48#
IN
Select pin for enabling 24MHz or 48MHz
H=24MHz
L=48MHz
24_48MHz
OUT
Clock output for super I/O/USB
25
SDATA
IN
Data input for I2C serial input, 5V tolerant input
28
SCLK
IN
Clock input of I2C input, 5V tolerant input
29
PD#
IN
Asynchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped. The latency of the power down will not be greater than 3ms.
31, 32, 33, 35, 36,
37, 39, 40, 41
SDRAM [8:0]
OUT
SDRAM clock outputs
43
GNDLCPU
PWR
Ground pin for the CPU clocks.
44, 45
CPUCLK [1:0]
OUT
CPU clock outputs.
46
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
47
IOAPIC
OUT
2.5V clock output.
48
VDDLAPIC
PWR
Power pin for the IOAPIC. 2.5V
23
1
11
12
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com