Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-99 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-99
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-99 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-99 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-99 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-99
Third party brands and names are the property of their respective owners.
Block Diagram
9248- 99 Rev A 8/27/99
Recommended Application:
810/810E style chipset
Output Features:
•
2- CPUs @2.5V @ 150MHz (up to 200MHz. achievable
through I
2C)
•
9 - SDRAM @ 3.3V @ 150MHz (up to 200MHz.
achievable through I
2C)
•
8 - PCICLK @ 3.3V
•
1 - IOAPIC @ 2.5V,
•
2 - 3V66MHz @ 3.3V
•
2- 48MHz, @ 3.3V fixed.
•
1- 24/48MHz, @ 3.3V
•
1- REF @3.3V, 14.318MHz.
Features:
•
Up to 200.4MHz frequency support
•
Support FS0-FS3 trapping status bit for I
2C read back.
•
Support power management: Power down Mode form I
2C
programming.
•
Spread spectrum for EMI control ( ± 0.25% center).
•
FS0, FS1, FS2, FS3 must have a internal 120K pull-Down
to GND.
•
Uses external 14.318MHz crystal
Skew Specifications:
•
CPU – CPU: <175ps
•
SDRAM - SDRAM: < 250ps
•
3V66 – 3V66: <175ps
•
PCI – PCI: <500ps
•
For group skew specifications, please refer to group
timing relationship table.
Functionality
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
M
A
R
D
S
)
z
H
M
(
6
6
V
3
)
z
H
M
(
K
L
C
I
C
P
*
6
6
V
3
(
)
2
/
1
)
z
H
M
(
C
I
P
A
O
I
*
I
C
P
(
)
2
/
1
)
z
H
M
(
C
I
P
A
O
I
)
I
C
P
(
)
z
H
M
(
00
0
0
3
3
.
5
70
0
.
3
1
13
3
.
5
77
6
.
7
33
8
.
8
17
6
.
7
3
00
0
1
0
0
.
5
2
10
0
.
5
2
13
3
.
3
87
6
.
1
43
8
.
0
27
6
.
1
4
00
1
0
0
0
.
9
2
10
0
.
9
2
10
0
.
6
80
0
.
3
40
5
.
1
20
0
.
3
4
00
1
1
9
2
.
0
5
10
0
.
3
1
13
3
.
5
77
6
.
7
33
8
.
8
17
6
.
7
3
01
0
0
0
0
.
0
5
10
0
.
0
5
10
0
.
0
0
10
0
.
0
50
0
.
5
20
0
.
0
5
01
0
1
0
0
.
2
1
10
0
.
2
1
17
6
.
4
73
3
.
7
37
6
.
8
13
3
.
7
3
01
1
0
0
0
.
5
4
10
0
.
5
4
17
6
.
6
93
3
.
8
47
1
.
4
23
3
.
8
4
01
1
1
4
6
.
3
4
10
0
.
8
0
10
0
.
2
70
0
.
6
30
0
.
8
10
0
.
6
3
10
0
0
0
3
.
8
60
5
.
2
0
13
3
.
8
67
1
.
4
38
0
.
7
17
1
.
4
3
10
0
1
0
0
.
5
0
10
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
10
0
.
5
3
10
1
0
0
0
.
8
3
10
0
.
8
3
10
0
.
2
90
0
.
6
40
0
.
3
20
0
.
6
4
10
1
1
0
0
.
0
4
10
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
10
0
.
5
3
11
0
0
7
6
.
6
60
0
.
0
0
17
6
.
6
63
3
.
3
37
6
.
6
13
3
.
3
3
11
0
1
0
0
.
0
0
10
0
.
0
0
17
6
.
6
63
3
.
3
37
6
.
6
13
3
.
3
3
11
1
0
0
6
.
3
3
10
6
.
3
3
17
0
.
9
83
5
.
4
47
2
.
2
23
5
.
4
4
11
1
1
3
3
.
3
3
10
0
.
0
0
17
6
.
6
63
3
.
3
37
6
.
6
13
3
.
3
3
Pin Configuration
48-Pin 300mil SSOP
* These inputs have a 120K pull down to GND.
1 These are double strength.
Frequency Generator & Integrated Buffers for Celeron & PII/III™
Preliminary Product Preview
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.


Similar Part No. - ICS9248-99

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results

Similar Description - ICS9248-99

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com