Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-10 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS9250-10
Description  Frequency Timing Generator for Pentium II Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-10 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS9250-10 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 15Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
ICS9250- 10
Preliminary Product Preview
Group Offset Waveforms
Group Skews at Common Transition Edges: (CPU = 66MHz)
CPU & IOAPIC load (lumped) = 20pf; PCI, SDRAM, 3V66 LOAD (LUMPED) = 30pf.
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CPU to 3V66
SCPU1-3V66
CPU @ 1.25V, 3V66 @ 1.5V
(Note: 180° offset between CPU & 66MHz
0
500
ps
CPU to SDRAM
SCPU2-SDRAM
CPU @ 1.25V, SDRAM @ 1.5V
(Note: 180° offset between CPU & 66MHz
0
500
ps
3V66 to PCI
S3V66-PCI
3V66 @ 1.5V, PCI @ 1.5V
1.5
4
ns
IOAPIC to PCI
SIOAPIC-PCI
IOAPIC @ 1.25V, PCI @1.5V
0
500
ps
1Guarenteed by design, not 100% tested in production.
Group Skews at Common Transition Edges: (CPU = 100MHz)
CPU & IOAPIC load (lumped) = 20pf; PCI, SDRAM, 3V66 LOAD (LUMPED) = 30pf.
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CPU to 3V66
SCPU1-3V66
CPU @ 1.25V, 3V66 @ 1.5V
(Note: 180° offset between CPU & 100MHz
0
500
ps
CPU to SDRAM
SCPU2-SDRAM
CPU @ 1.25V, SDRAM @ 1.5V
(Note: 180° offset between CPU & 100MHz
0
500
ps
3V66 to PCI
S3V66-PCI
3V66 @ 1.5V, PCI @ 1.5V
1.5
4
ns
IOAPIC to PCI
SIOAPIC-PCI
IOAPIC @ 1.25V, PCI @1.5V
0
500
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com