Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-10 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9250-10
Description  Frequency Timing Generator for Pentium II Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-10 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9250-10 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-10 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ICS9250- 10
Preliminary Product Preview
Power Down Waveform
Note
1. After PD# is sampled active (Low) for 2 consective rising edges of CPUCLKs, all
the output clocks are driven Low on their next High to Low tranistiion.
2. Power-up latency <3ms.
3. Waveform shown for 100MHz
E
0
1
8
n
o
i
t
i
d
n
o
C
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
5
.
2
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
2
6
.
2
=
2
q
d
d
V
D
N
G
r
o
3
q
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
l
l
A
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
5
.
2
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
6
4
.
3
=
2
q
d
d
V
D
N
G
r
o
3
q
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
l
l
A
e
d
o
M
n
w
o
d
r
e
w
o
P
0
=
#
N
W
D
R
W
P
(
A
m
0
1A
m
0
1
z
H
M
6
6
e
v
i
t
c
A
l
l
u
F
0
1
=
0
,
1
L
E
S
A
m
0
7A
m
0
8
2
z
H
M
0
0
1
e
v
i
t
c
A
l
l
u
F
1
1
=
0
,
1
L
E
S
A
m
0
0
1A
m
0
8
2
Maximum Allowed Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com