Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-16 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS9250-16
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-16 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS9250-16 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 15Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 16Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
ICS9250-16
Connections to VDD:
C3
1
Clock Load
C1
C1
2
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
Ferrite
Bead
VDD
C2
22µF/20V
Tantalum
Ferrite
Bead
VDD
C2
22µF/20V
Tantalum
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
= Routed Power
= Ground Connection Key (component side copper)
= Ground Plane Connection
= Power Route Connection
= Solder Pads
= Clock Load
3.3V Power Route
3.3V Power Route
2.5V Power Route
General Layout Precautions:
1) Use a ground plane on the top routing
layer of the PCB in all areas not used
by traces.
2) Make all power traces and ground
traces as wide as the via pad for lower
inductance.
Notes:
1 All clock outputs should have
provisions for a 15pf capacitor
between the clock output and series
terminating resistor. Not shown in all
places to improve readability of
diagram.
2 Optional crystal load capacitors are
recommended. They should be
included in the layout but not
inserted unless needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com