Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-16 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9250-16
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-16 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9250-16 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
ICS9250-16
Byte 0: Control Register
(1 = enable, 0 = disable)
Byte 1: Control Register
(1 = enable, 0 = disable)
Byte 2: Control Register
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled from switching.
These outputs are designed to be configured at power-on and are not
expected to be configured during the normal modes of operation.
2. PWD = Power on Default
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BD
I
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
BD
I
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
BD
I
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
BD
I
d
e
v
r
e
s
e
R1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
)
f
f
O
=
0
/
n
O
=
1
(
1)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B6
21
z
H
M
8
41
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B5
20
z
H
M
8
41
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B9
42
K
L
C
U
P
C1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B6
37
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B7
36
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
B9
35
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
B0
44
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B2
43
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B3
42
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B5
41
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B6
40
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
Notes:
1. Do not write in ID bits, these bits are for ICS internal use only.
2. Bit 0 will always read back 0. If readback/rewrite procedure is to
perform, user will need to ensure a "1" is written to Bit 0 for CPUCLK2
to maintain running status.
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
27
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B9
16
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
B8
15
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
B6
14
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B5
13
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B3
12
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B2
11
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B-
d
e
v
r
e
s
e
R1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com