Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-25 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9250-25
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-25 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9250-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9250-25
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
Frequency Selection
Clock Enable Configuration
4
S
F3
S
F2
S
F1
S
F0
S
F
U
P
C
z
H
M
M
A
R
D
S
z
H
M
z
H
M
6
6
V
3
I
C
P
z
H
M
z
H
M
C
I
P
A
O
I
0
0
000
0
0
.
5
50
5
.
2
80
0
.
5
55
.
7
25
7
.
3
1
00
0
0
1
0
0
.
0
60
0
.
0
90
0
.
0
60
35
1
00
0
1
0
0
8
.
6
60
2
.
0
0
10
8
.
6
64
.
3
37
.
6
1
00
0
1
1
3
3
.
8
60
5
.
2
0
13
3
.
8
65
6
1
.
4
35
2
8
0
.
7
1
00
1
0
0
0
0
.
0
70
0
.
5
0
10
0
.
0
75
35
.
7
1
00
1
0
1
0
0
.
2
70
0
.
8
0
10
0
.
2
76
38
1
00
1
1
0
0
0
.
5
70
5
.
2
1
10
0
.
5
75
.
7
35
7
.
8
1
0
0
111
0
0
.
7
70
5
.
5
1
10
0
.
7
75
.
8
35
2
.
9
1
0
1
000
0
3
.
3
80
3
.
3
83
5
.
5
58
.
7
29
.
3
1
01
0
0
1
0
0
.
0
90
0
.
0
90
0
.
0
60
.
0
30
.
5
1
01
0
1
0
0
3
.
0
0
10
3
.
0
0
17
8
.
6
64
.
3
37
.
6
1
01
0
1
1
0
0
.
3
0
10
0
.
3
0
17
6
.
8
63
.
4
32
.
7
1
01
1
0
0
0
5
.
2
1
10
5
.
2
1
10
0
.
5
75
.
7
38
.
8
1
01
1
0
1
0
0
.
5
1
10
0
.
5
1
17
6
.
6
73
.
8
32
.
9
1
01
1
1
0
0
0
.
0
2
10
0
.
0
2
10
0
.
0
80
.
0
40
.
0
2
0
1
111
0
0
.
5
2
10
0
.
5
2
13
3
.
3
87
.
1
48
.
0
2
1
0
000
0
0
.
8
2
10
0
.
8
2
10
0
.
4
60
.
2
30
.
6
1
10
0
0
1
0
0
.
0
3
10
0
.
0
3
10
0
.
5
65
.
2
33
.
6
1
10
0
1
0
0
7
.
3
3
10
7
.
3
3
15
8
.
6
64
.
3
37
.
6
1
10
0
1
1
0
0
.
7
3
10
0
.
7
3
10
5
.
8
63
.
4
31
.
7
1
10
1
0
0
0
0
.
0
4
10
0
.
0
4
10
0
.
0
70
.
5
35
.
7
1
10
1
0
1
0
0
.
5
4
10
0
.
5
4
10
5
.
2
73
.
6
31
.
8
1
10
1
1
0
0
0
.
0
5
10
0
.
0
5
10
0
.
5
75
.
7
38
.
8
1
1
0
111
3
3
.
3
5
13
3
.
3
5
17
6
.
6
73
.
8
32
.
9
1
1
1
000
0
0
.
5
2
15
7
.
3
90
5
.
2
63
.
1
36
.
5
1
11
0
0
1
0
0
.
0
3
10
5
.
7
90
0
.
5
65
.
2
33
.
6
1
11
0
1
0
0
7
.
3
3
18
2
.
0
0
15
8
.
6
64
.
3
37
.
6
1
11
0
1
1
0
0
.
7
3
15
7
.
2
0
10
5
.
8
63
.
4
31
.
7
1
11
1
0
0
0
0
.
0
4
10
0
.
5
0
10
0
.
0
70
.
5
35
.
7
1
11
1
0
1
0
0
.
5
4
15
7
.
8
0
10
5
.
2
73
.
6
31
.
8
1
11
1
1
0
0
0
.
0
5
10
5
.
2
1
10
0
.
5
75
.
7
38
.
8
1
1
1
111
3
3
.
3
5
10
0
.
5
1
17
6
.
6
73
.
8
32
.
9
1
#
D
PK
L
C
U
P
CM
A
R
D
SC
I
P
A
O
Iz
H
M
6
6K
L
C
I
C
P
,
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com