Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-25 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-25
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-25 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-25 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-25
Third party brands and names are the property of their respective owners.
Block Diagram
9250-25 Rev A 10/03/00
Pin Configuration
Recommended Application:
810/810E and Solano type chipset
Output Features:
•
2 - CPUs @ 2.5V, up to 153.33MHz.
•
13 - SDRAM @ 3.3V, up to 153.33MHz.
•
3 - 3V66 @ 3.3V, 2x PCI MHz.
•
8 - PCI @3.3V.
•
1 - 48MHz, @3.3V fixed.
•
1 - 24MHz @ 3.3V
•
1 - REF @3.3V, 14.318MHz.
Features:
•
Up to 153.33MHz frequency support
•
Support power management through PD#.
•
Spread spectrum for EMI control (± 0.25%)
center spread.
•
Uses external 14.318MHz crystal
•
FS pins for frequency select
Key Specifications:
•
CPU Output Jitter: <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <175ps
•
For group skew timing, please refer to the
Group Timing Relationship Table.
Frequency Generator & Integrated Buffers for Celeron & PII/III™
56-Pin 300 mil SSOP
1. These pins will have 1.5 to 2X drive strength.
* 120K ohm pull-up to VDD on indicated inputs.
SDATA
SCLK
PLL2
PLL1
Spread
Spectrum
48MHz
24MHz
CPUCLK [1:0]
2
12
8
3
SDRAM [11:0]
IOAPIC
PCICLK [7:0]
SDRAM_F
3V66 [2:0]
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
FS[4:0]
PD#
Control
Logic
Config.
Reg.
/ 2
REF0
VDDREF
X1
X2
GNDREF
GND3V66
3V66-1
3V66-2
VDD3V66
VDDPCI
*FS0/PCICLK0
*FS1/PCICLK1
PCICLK2
GNDPCI
PCICLK3
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GNDPCI
PD#
SCLK
SDATA
VDDSDR
SDRAM11
SDRAM10
GNDSDR
3V66-0
1
1
REF0/FS4*
VDDLAPIC
IOAPIC
VDDLCPU
CPUCLK0
CPUCLK1
GNDLCPU
GNDSDR
SDRAM0
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
SDRAM5
GNDSDR
SDRAM6
SDRAM7
SDRAM_F
VDDSDR
GND48
24MHz/FS2*
48MHz/FS3*
VDD48
VDDSDR
SDRAM8
SDRAM9
GNDSDR
1
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Preliminary Product Preview
PRODUCT PREVIEW documents contain information on new products
in the sampling or preproduction phase of development. Characteristic
data and other specifications are subject to change without notice.


Similar Part No. - ICS9250-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-22 ICST-ICS9250-22 Datasheet
106Kb / 11P
Frequency Generator for P IV?
Rev B 12/08/00
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
logo
Renesas Technology Corp
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250-26 ICST-ICS9250-26 Datasheet
223Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/19/01
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 02/15/01
More results

Similar Description - ICS9250-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com