Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-26 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9250-26
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-26 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9250-26 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
ICS9250-26
Electrical Characteristics - 48MHz_1 (Pin 26)
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 20-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP3B
1
VO = VDD*(0.5)
10
15
24
Ω
Output Impedance
RDSN3B
1
VO = VDD*(0.5)
10
15
24
Ω
Output High Voltage
VOH3
IOH = -1 mA
2.4
V
Output Low Voltage
VOL3
IOL = 1 mA
0.55
V
VOH @ MIN = 2.0 V
-54
-82
VOH @ MAX = 3.135 V
-20
-46
VOL @ MIN = 1.0 V
54
95
VOL @ MAX = 0.4 V
28
53
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.4
1.1
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.4
1.3
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
53
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc3B
VT = 1.5 V
130
250
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH3
mA
Output Low Current
IOL3
mA
Group Skews (CPU = 66 MHz)
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%
CPU & IOAPIC load (lumped) = 20 pF; PCI, SDRAM, 3V66 load (lumped) = 30 pF
Refer to Group Offset Waveform diagram for definition of transition edges.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CPU to SDRAM
Skew
1
Tsk1 CPU-SDRAM
-3
-2.6
-2
ns
Skew Window
1
Tw1 CPU-SDRAM
0
150
500
ps
CPU to 3V66
Skew
1
Tsk1 CPU-3V66
77.2
8
ns
Skew Window
1
Tw1 CPU-3V66
0
130
500
ps
SDRAM to 3V66
Skew
1
Tsk1 SDRAM-3V66
-500
100
500
ps
Skew Window
1
Tw1 SDRAM-3V66
0
155
500
ps
3V66 to PCI
Skew
1
Tsk1 3V66-PCI
1.5
2.4
3.5
ns
Skew Window
1
Tw1 3V66-PCI
0
275
500
ps
IOAPIC to PCI
Skew
1
Tsk1 IOAPIC-PCI
-1
-0.4
1
ns
Skew Window
1
Tw1 IOAPIC-PCI
00.25
1
ns
1Guaranteed by design, not 100% tested in production.
CPU @ 1.25 V, SDRAM @ 1.5 V
CPU @ 1.25 V, 3V66 @ 1.5 V
SDRAM, 3V66 @ 1.5 V
3V66, PCI @ 1.5 V
IOAPIC @ 1.25 V, PCI @ 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com