Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-26 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9250-26
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-26 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9250-26 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
ICS9250-26
Maximum Allowed Current
E
0
1
8
n
o
i
t
i
d
n
o
C
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
5
.
2
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
2
6
.
2
=
2
q
d
d
V
D
N
G
r
o
3
q
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
l
l
A
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
5
.
2
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
6
4
.
3
=
2
q
d
d
V
D
N
G
r
o
3
q
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
l
l
A
e
d
o
M
n
w
o
d
r
e
w
o
P
0
=
#
N
W
D
R
W
P
(
A
m
0
1A
m
0
1
z
H
M
6
6
e
v
i
t
c
A
l
l
u
F
0
1
=
0
,
1
L
E
S
A
m
0
7A
m
0
8
2
z
H
M
0
0
1
e
v
i
t
c
A
l
l
u
F
1
1
=
0
,
1
L
E
S
A
m
0
0
1A
m
0
8
2
Clock Enable Configuration
#
D
PK
L
C
U
P
CM
A
R
D
SC
I
P
A
O
Iz
H
M
6
6K
L
C
I
C
P
,
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
O
Power Groups*
VDD0, GND0 = REF & Crystal
VDD1, GND1 = 3V66
VDD2, GND2 = PCICLK
VDD3, GND3 = PLL core
VDD4, GND4 = 48MHz
VDD5, GND5 = SDRAM_F, SDRAM
VDDL0, GNDL0 = CPUCLK
VDDL1, GNDL1 = IOAPIC
* To ensure the processor will power up to the desired frequency, the 3.3V supply to the ICS9250-26 needs to reach a stable
condition before the 2.5V supply does. In most systems, the power up ramp of the 2.5V is slower than the 3.3V ramp. For those
instances, no special requirements are necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com