Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-27 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9250-27
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-27 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9250-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ICS9250-27
Byte 4: Reserved Register
(1 = enable, 0 = disable)
Byte 5: Reserved Register
(1 = enable, 0 = disable)
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
Notes:
1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be
configured at power-on and are not expected to be configured during the normal modes of operation.
2. PWD = Power on Default
Group Timing Relationship Table
1
p
u
o
r
Gz
H
M
6
6
U
P
C
z
H
M
0
0
1
M
A
R
D
S
z
H
M
0
0
1
U
P
C
z
H
M
0
0
1
M
A
R
D
S
z
H
M
3
3
1
U
P
C
z
H
M
0
0
1
M
A
R
D
S
z
H
M
3
3
1
U
P
C
z
H
M
3
3
1
M
A
R
D
S
t
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
T
M
A
R
D
S
o
t
U
P
Cs
n
5
.
2s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
5
7
.
3s
p
0
0
5
6
6
V
3
o
t
U
P
Cs
n
5
.
7s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5
6
6
V
3
o
t
M
A
R
D
Ss
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
5
7
.
3s
p
0
0
5
I
C
P
o
t
6
6
V
3s
n
5
.
3
-
5
.
1A
/
Ns
n
5
.
3
-
5
.
1A
/
Ns
n
5
.
3
-
5
.
1A
/
Ns
n
5
.
3
-
5
.
1A
/
N
I
C
P
o
t
C
I
P
A
O
Is
n
0
.
0s
n
0
.
1s
n
0
.
0s
n
0
.
1s
n
0
.
0s
n
0
.
1s
n
0
.
0s
n
0
.
1
T
O
D
&
B
S
Uh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com